Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1762 Datasheet(PDF) 80 Page - Infineon Technologies AG

Part # TC1762
Description  32-Bit Single-Chip Microcontroller TriCore
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1762 Datasheet(HTML) 80 Page - Infineon Technologies AG

Back Button TC1762 Datasheet HTML 76Page - Infineon Technologies AG TC1762 Datasheet HTML 77Page - Infineon Technologies AG TC1762 Datasheet HTML 78Page - Infineon Technologies AG TC1762 Datasheet HTML 79Page - Infineon Technologies AG TC1762 Datasheet HTML 80Page - Infineon Technologies AG TC1762 Datasheet HTML 81Page - Infineon Technologies AG TC1762 Datasheet HTML 82Page - Infineon Technologies AG TC1762 Datasheet HTML 83Page - Infineon Technologies AG TC1762 Datasheet HTML 84Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 114 page
background image
TC1762
Electrical Parameters
Preliminary
Data Sheet
76
V1.0, 2008-04
Conversion time
t
C
CC
t
S +40 × tBC +2 × tDIV
µs
For 8-bit
conversion
t
S +48 × tBC +2 × tDIV
µs
For 10-bit
conversion
t
S +56 × tBC +2 × tDIV
µs
For 12-bit
conversion
Total unadjusted
error
4)
TUE
7)
CC –
±1
LSB
For 8-bit conv.
––
±2
LSB
For 10-bit conv.
––
±4
LSB
For 12-bit conv.
8)9)
––
±8
LSB
For 12-bit
conv.
10)9)
DNL error
11)5)
TUE
DNL
CC –
±1.5 ±3.0
LSB
For 12-bit conv.
12)
9)
INL error
11)5)
TUE
INL
CC –
±1.5 ±3.0
LSB
For 12-bit conv.
12)
9)
Gain error
11)5)
TUE
GAIN
CC –
±0.5 ±3.5
LSB
For 12-bit conv.
12)
9)
Offset error
11)5)
TUE
OFF
CC –
±1.0 ±4.0
LSB
For 12-bit conv.
12)
9)
Input leakage
current at analog
inputs AN0, AN1
and AN31.
see Figure 4-3
13)
I
OZ1
14)
CC –1000
300
nA
(0%
V
DDM) < VIN <
(2%
V
DDM)
–200
400
nA
(2%
V
DDM) < VIN <
(95%
V
DDM)
–200
1000
nA
(95%
V
DDM) < VIN
< (98%
V
DDM)
–200
3000
nA
(98%
V
DDM) < VIN
< (100%
V
DDM)
Table 4-6
ADC Characteristics (cont’d) (Operating Conditions apply)
Parameter
Symbol
Limit Values
Unit
Test Conditions /
Remarks
Min.
Typ.
Max.


Similar Part No. - TC1762

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
TC176-198-S ACE-TC176-198-S Datasheet
106Kb / 2P
   TUBUS-Series Type TC Profile Damper for Crane Equipment
logo
Infineon Technologies A...
TC1765 INFINEON-TC1765 Datasheet
1Mb / 88P
   32-Bit Single-Chip Microcontroller
V1.2, Dec. 2002
TC1765N INFINEON-TC1765N Datasheet
1Mb / 88P
   32-Bit Single-Chip Microcontroller
V1.2, Dec. 2002
TC1765T INFINEON-TC1765T Datasheet
1Mb / 88P
   32-Bit Single-Chip Microcontroller
V1.2, Dec. 2002
TC1766 INFINEON-TC1766 Datasheet
1Mb / 32P
   32-Bit Single-Chip Microcontroller Bare Die Delivery
V1.10 2010-04
More results

Similar Description - TC1762

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TC1163 INFINEON-TC1163 Datasheet
951Kb / 134P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1796 INFINEON-TC1796 Datasheet
3Mb / 134P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1165 INFINEON-TC1165 Datasheet
1Mb / 133P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com