Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T930N Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # T930N
Description  Netz-Thyristor Phase Control Thyristor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

T930N Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button T930N Datasheet HTML 2Page - Infineon Technologies AG T930N Datasheet HTML 3Page - Infineon Technologies AG T930N Datasheet HTML 4Page - Infineon Technologies AG T930N Datasheet HTML 5Page - Infineon Technologies AG T930N Datasheet HTML 6Page - Infineon Technologies AG T930N Datasheet HTML 7Page - Infineon Technologies AG T930N Datasheet HTML 8Page - Infineon Technologies AG T930N Datasheet HTML 9Page - Infineon Technologies AG T930N Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
N
Netz-Thyristor
Phase Control Thyristor
Datenblatt / Data sheet
T930N
IFBIP D AEC / 2009-03-04 / H.Sandmann
A 05/09
6/10
Seite/page
Durchlassverluste
180°
120°
90°
60°
θ = 30°
0
500
1000
1500
2000
2500
3000
3500
4000
0
200
400
600
800
1000
1200
1400
1600
ITAV [A]
0
180°
Durchlassverlustleistung / On-state power loss PTAV = f(ITAV)
Sinusförmiger Strom / Sinusoidal current
Parameter: Stromflusswinkel Θ / Current conduction angle Θ
180°
120°
90°
60°
θ = 30°
20
40
60
80
100
120
140
0
200
400
600
800
1000
1200
1400
1600
I TAV [A]
0
180°
Höchstzulässige Gehäusetemperatur / Maximum allowable case temperature TC = f(ITAV)
Sinusförmiger Strom / Sinusoidal current
Beidseitige Kühlung / Two-sided cooling
Parameter: Stromflusswinkel Θ / Current conduction angle Θ


Similar Part No. - T930N

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
T9300 INTEL-T9300 Datasheet
1Mb / 77P
   Core2 Duo Processor and Core2 Extreme Processor on 45-nm Process
logo
Infineon Technologies A...
T930S INFINEON-T930S Datasheet
221Kb / 6P
   Netz-Thyristor Phase Control Thyristor
2008-09-15 revision:3.0
More results

Similar Description - T930N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
T388N INFINEON-T388N Datasheet
271Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision:1
T390N INFINEON-T390N Datasheet
246Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-11-30 revision:3.1
T398N INFINEON-T398N Datasheet
271Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision:1
T930S INFINEON-T930S Datasheet
221Kb / 6P
   Netz-Thyristor Phase Control Thyristor
2008-09-15 revision:3.0
T1040N INFINEON-T1040N Datasheet
291Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-04 revision:1.0
T1190N INFINEON-T1190N Datasheet
289Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2008-09-18 revision:2.0
T1410N INFINEON-T1410N Datasheet
248Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2010-09-02 revision:3.2
T1590N INFINEON-T1590N Datasheet
293Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-11 revision:2.0
T1960N INFINEON-T1960N Datasheet
297Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-12 revision:2.0
T2563NH INFINEON-T2563NH Datasheet
288Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2011-05-02 Revision: 11.0
T348N INFINEON-T348N Datasheet
270Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision: 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com