Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1006UK Datasheet(PDF) 4 Page - Seme LAB

Part # D1006UK
Description  METAL GATE RF SILICON FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D1006UK Datasheet(HTML) 4 Page - Seme LAB

  D1006UK Datasheet HTML 1Page - Seme LAB D1006UK Datasheet HTML 2Page - Seme LAB D1006UK Datasheet HTML 3Page - Seme LAB D1006UK Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D1006UK
Prelim. 11/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
15
1. 5K
10 u F
40 - 2 00 p F
40 - 2 00 p F
10 0K
1K
10 K
10 n F
D 1 00 6K
47 p F
16 - 1 00 p F
35 p F
47 p F
16 - 1 00 p F
10 n F
1n F
10 0n F
L1
L2
T1
+2 8 V
G a te -B i a s
6 x 6
mm
cont a c t
pa d
T2
6 x 6
mm
cont a c t
pa d
T3
T4
175 MHz Test Fixture
Substrate 1.6mm PTFE/glass, Er = 2.5
All microstrip lines W = 5mm
T1
10mm
T2
23.5mm
T3
25mm
T4
6mm
L1
9 turns 20swg encamelled copper wire, 6mm i.d.
L2
11 turns 19swg enamelled copper wire on Fair-Rite FT82 ferrite
core


Similar Part No. - D1006UK

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
Continental Device Indi...
D100 CDIL-D100 Datasheet
88Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Ohmite Mfg. Co.
D100 OHMITE-D100 Datasheet
261Kb / 2P
   Rugged lead free vitreous enamel coating
logo
Tyco Electronics
D100-3X MACOM-D100-3X Datasheet
58Kb / 1P
   WILMAR??Protective Relays-D100X Series, Close Differential
D100-4X MACOM-D100-4X Datasheet
58Kb / 1P
   WILMAR??Protective Relays-D100X Series, Close Differential
More results

Similar Description - D1006UK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1082UK SEME-LAB-D1082UK Datasheet
20Kb / 2P
   METAL GATE RF SILICON FET
D1211UK SEME-LAB-D1211UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D1212UK SEME-LAB-D1212UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2002UK SEME-LAB-D2002UK Datasheet
15Kb / 2P
   METAL GATE RF SILICON FET
D2003UK SEME-LAB-D2003UK Datasheet
60Kb / 4P
   METAL GATE RF SILICON FET
D2089UK SEME-LAB-D2089UK Datasheet
23Kb / 2P
   METAL GATE RF SILICON FET
D2220UK SEME-LAB-D2220UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2230UK SEME-LAB-D2230UK Datasheet
17Kb / 2P
   METAL GATE RF SILICON FET
D2282UK SEME-LAB-D2282UK Datasheet
18Kb / 2P
   METAL GATE RF SILICON FET
D1004UK SEME-LAB-D1004UK Datasheet
35Kb / 4P
   METAL GATE RF SILICON FET
D1011UK SEME-LAB-D1011UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com