Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP11N60CFD Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SPP11N60CFD
Description  Cool MOS Power Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP11N60CFD Datasheet(HTML) 2 Page - Infineon Technologies AG

  SPP11N60CFD Datasheet HTML 1Page - Infineon Technologies AG SPP11N60CFD Datasheet HTML 2Page - Infineon Technologies AG SPP11N60CFD Datasheet HTML 3Page - Infineon Technologies AG SPP11N60CFD Datasheet HTML 4Page - Infineon Technologies AG SPP11N60CFD Datasheet HTML 5Page - Infineon Technologies AG SPP11N60CFD Datasheet HTML 6Page - Infineon Technologies AG SPP11N60CFD Datasheet HTML 7Page - Infineon Technologies AG SPP11N60CFD Datasheet HTML 8Page - Infineon Technologies AG SPP11N60CFD Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
-++E(BB(CD
LYi)!-)D!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!JU[Y!-
;88&&6+%031
5?UGKRK!9?QGLEP
8?O?KCQCO
;VK@MJ
>?JRC
=LGQ
>eU]b!McheWY!ic`gU[Y!f`cdY
0>M!7!/3+!P'!+>!7!,,!;'!/^!7!,-0!p=
X8*X7
3+
P*bf
GUk]aha!X]cXY!WcaahgUg]cb!fdYYX
0>M!7!/3+!P'!+>!7!,,!;'!/^!7!,-0!p=
X5**X7
1++
;*rf
<FCOK?J!0F?O?AQCOGPQGAP
8?O?KCQCO
;VK@MJ
>?JRCP
=LGQ
KGL$
QVN$
K?U$
N\YeaU`!eYf]fgUbWY'!^hbWg]cb!(!WUfY
.g\D=
(
(
,
E*Q
N\YeaU`!eYf]fgUbWY'!^hbWg]cb!(!UaV]Ybg'!`YUXYX!
.g\D;
(
(
1-
Mc`XYe]b[!gYadYeUgheY'!jUiYfc`XYe]b[
,)1!aa!#+)+1.!]b)$!Zeca!WUfY!Zce!,+f
/fc`X
(
(
-1+
p=
2JCAQOGA?J!0F?O?AQCOGPQGAP"!Ug /^7-0p=!hb`Yff!cg\Yej]fY!fdYW]Z]YX
8?O?KCQCO
;VK@MJ
0MLBGQGMLP
>?JRCP
=LGQ
KGL$
QVN$
K?U$
>eU]b(fcheWY!VeYU_Xcjb!ic`gU[Y
0#<L$>MM 0AM7+P' +>7+)-0a;
1++
(
(
P
>eU]b(McheWY!UiU`UbW\Y!
VeYU_Xcjb!ic`gU[Y
0#<L$>M 0AM7+P' +>7,,;
(
2++
(
AUgY!g\eYf\c`X!ic`gU[Y
0AM#g\$
+>70++-"' 0AM70>M
.
/
0
RYec![UgY!ic`gU[Y!XeU]b!WheeYbg
+>MM
0>M71++P' 0AM7+P'
/^7-0p='
/^7,0+p=
(
(
,),
4++
(
(
r;
AUgY(fcheWY!`YU_U[Y!WheeYbg
+AMM
0AM7-+P' 0>M7+P
(
(
,++
b;
>eU]b(fcheWY!cb(fgUgY!eYf]fgUbWY
.>M#cb$
0AM7,+P' + >72;'
/^7-0p=
/^7,0+p=
(
(
+).3
,)+-
+)//
(
!
AUgY!]bdhg!eYf]fgUbWY
.A
37,GBm'!cdYb!>eU]b
(
+)31
(


Similar Part No. - SPP11N60CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP11N60CFD INFINEON-SPP11N60CFD Datasheet
151Kb / 12P
   Cool MOS??Power Transistor
2003-12-23
SPP11N60CFD INFINEON-SPP11N60CFD Datasheet
680Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2007-08-30
logo
Inchange Semiconductor ...
SPP11N60CFD ISC-SPP11N60CFD Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SPP11N60CFD VBSEMI-SPP11N60CFD Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
logo
Infineon Technologies A...
SPP11N60CFD INFINEON-SPP11N60CFD_07 Datasheet
680Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2007-08-30
More results

Similar Description - SPP11N60CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com