Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBT3904 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SMBT3904
Description  NPN Silicon Switching Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBT3904 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SMBT3904_07 Datasheet HTML 1Page - Infineon Technologies AG SMBT3904_07 Datasheet HTML 2Page - Infineon Technologies AG SMBT3904_07 Datasheet HTML 3Page - Infineon Technologies AG SMBT3904_07 Datasheet HTML 4Page - Infineon Technologies AG SMBT3904_07 Datasheet HTML 5Page - Infineon Technologies AG SMBT3904_07 Datasheet HTML 6Page - Infineon Technologies AG SMBT3904_07 Datasheet HTML 7Page - Infineon Technologies AG SMBT3904_07 Datasheet HTML 8Page - Infineon Technologies AG SMBT3904_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2007-09-20
2
SMBT3904...MMBT3904
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
40
V
Collector-base voltage
VCBO
60
Emitter-base voltage
VEBO
6
Collector current
IC
200
mA
Total power dissipation-
TS ≤ 69°C
TS ≤ tbd°C
TS ≤ 115°C
TS ≤ 105°C
Ptot
330
250
250
330
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
SMBT3904/MMBT3904
SMBT3904S
SMBT3904U
RthJS
≤ 245
≤ 140
≤ 135
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - SMBT3904_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMBT3904DW1 ONSEMI-SMBT3904DW1 Datasheet
102Kb / 8P
   Dual General Purpose Transistors
June, 2015 ??Rev. 11
SMBT3904DW1T1G ONSEMI-SMBT3904DW1T1G Datasheet
138Kb / 8P
   Dual General Purpose Transistors
October, 2012 ??Rev. 9
SMBT3904DW1T1G ONSEMI-SMBT3904DW1T1G Datasheet
102Kb / 8P
   Dual General Purpose Transistors
June, 2015 ??Rev. 11
logo
Infineon Technologies A...
SMBT3904PN INFINEON-SMBT3904PN Datasheet
217Kb / 7P
   NPN/PNP Silicon Switching Transistor Array
Aug-21-2002
SMBT3904PN INFINEON-SMBT3904PN Datasheet
108Kb / 9P
   NPN / PNP Silicon Switching Transistor Array Low collector-emitter saturation voltage
2007-03-28
More results

Similar Description - SMBT3904_07

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PZT2222 SIEMENS-PZT2222 Datasheet
126Kb / 6P
   NPN Silicon Switching Transistors
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
   SWITCHING TRANSISTORS (NPN SILICON)
logo
STMicroelectronics
TIP47 STMICROELECTRONICS-TIP47 Datasheet
49Kb / 4P
   SILICON NPN SWITCHING TRANSISTORS
logo
Siemens Semiconductor G...
SMBT2222 SIEMENS-SMBT2222 Datasheet
155Kb / 6P
   NPN Silicon Switching Transistors
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646 Datasheet
77Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_12 Datasheet
867Kb / 11P
   NPN Silicon Switching Transistors
2012-08-21
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646_15 Datasheet
78Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Leshan Radio Company
MMBT2369LT1 LRC-MMBT2369LT1 Datasheet
214Kb / 5P
   Switching Transistors(NPN Silicon)
logo
ON Semiconductor
MPS2369 ONSEMI-MPS2369 Datasheet
41Kb / 4P
   Switching Transistors(NPN Silicon)
June, 2001 ??Rev. 2
MMBT2369LT1 ONSEMI-MMBT2369LT1_07 Datasheet
88Kb / 6P
   Switching Transistors NPN Silicon
January, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com