Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIDC46D170H Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SIDC46D170H
Description  Fast switching diode chip in EMCON 3 -Technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIDC46D170H Datasheet(HTML) 2 Page - Infineon Technologies AG

  SIDC46D170H Datasheet HTML 1Page - Infineon Technologies AG SIDC46D170H Datasheet HTML 2Page - Infineon Technologies AG SIDC46D170H Datasheet HTML 3Page - Infineon Technologies AG SIDC46D170H Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SIDC46D170H
Edited by INFINEON Technologies AI DP PSD CLS, L 4471A, Edition 2, 2.11.2004
Maximum Ratings
Parameter
Symbol
Condition
Value
Unit
Repetitive peak reverse voltage
V RRM
1700
V
Continuous forward current limited by
Tjmax
I F
75
Single pulse forward current
(depending on wire bond configuration)
I FSM
tP = 10 ms sinusoidal
430
Maximum repetitive forward current
limited by Tjmax
I FRM
150
A
Operating junction and storage
temperature
Tj , Tstg
-55...+150
°C
Static Electrical Characteristics (tested on chip), Tj=25 °C, unless otherwise specified
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
Reverse leakage current
I R
V R=1700V
Tj=25 ° C
27
µA
Cathode-Anode
breakdown Voltage
V Br
I R=0.25mA
Tj=25°C
1700
V
Forward voltage drop
V F
I F=75A
Tj=25 ° C
1.8
V
Dynamic Electrical Characteristics, at Tj = 25 °C, unless otherwise specified, tested at component
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
I RRM1
Tj = 25 °C
93
Peak recovery current
I RRM2
IF=75A
di/dt=920 A/
µs
VR=900 V
Tj = 125 °C
100
A
Qrr1
Tj=25 ° C
20.0
Reverse recovery charge
Qrr2
IF=75A
di/dt=920 A/
µs
VR=900 V
Tj=125 ° C
31.7
µC
E rec 1
Tj= 25 ° C
10.0
Reverse recovery energy
E rec2
IF=75A
di/dt=920 A/
µs
VR=900 V
Tj=125 ° C
18.3
mJ


Similar Part No. - SIDC46D170H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC46D170H INFINEON-SIDC46D170H Datasheet
71Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
Edition 1, 22.10.2001
More results

Similar Description - SIDC46D170H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC38D60C6 INFINEON-SIDC38D60C6 Datasheet
61Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
Edition 1.1, 10.07.2006
SIDC110D170H INFINEON-SIDC110D170H Datasheet
66Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
Edition 2, 3.11.2004
SIDC85D170H INFINEON-SIDC85D170H Datasheet
94Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
Edition 1, 22.10.2001
SIDC02D65C8 INFINEON-SIDC02D65C8 Datasheet
115Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
1.0, 12.09.2011
SIDC50D65C8 INFINEON-SIDC50D65C8 Datasheet
108Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
Rev. 2.0, 12.09.2011
SIDC02D60C6 INFINEON-SIDC02D60C6 Datasheet
63Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
Edition 1.1, 10.07.2006
SIDC03D60C6 INFINEON-SIDC03D60C6 Datasheet
64Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
Edition 1.1, 10.07.2006
SIDC03D65C8 INFINEON-SIDC03D65C8 Datasheet
111Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
1.0, 12.09.2011
SIDC20D65C8 INFINEON-SIDC20D65C8 Datasheet
111Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
1.0, 12.09.2011
SIDC06D65C8 INFINEON-SIDC06D65C8 Datasheet
108Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
1.0, 12.09.2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com