Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGB15N60HS Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SGB15N60HS
Description  High Speed IGBT in NPT-technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SGB15N60HS Datasheet(HTML) 3 Page - Infineon Technologies AG

  SGB15N60HS Datasheet HTML 1Page - Infineon Technologies AG SGB15N60HS Datasheet HTML 2Page - Infineon Technologies AG SGB15N60HS Datasheet HTML 3Page - Infineon Technologies AG SGB15N60HS Datasheet HTML 4Page - Infineon Technologies AG SGB15N60HS Datasheet HTML 5Page - Infineon Technologies AG SGB15N60HS Datasheet HTML 6Page - Infineon Technologies AG SGB15N60HS Datasheet HTML 7Page - Infineon Technologies AG SGB15N60HS Datasheet HTML 8Page - Infineon Technologies AG SGB15N60HS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SGB15N60HS
^
Power Semiconductors
3
Rev 2.3
Oct 06
Switching Characteristic, Inductive Load, at Tj=25 °C
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
IGBT Characteristic
Turn-on delay time
td(on)
-
13
Rise time
tr
-
14
Turn-off delay time
td(off)
-
209
Fall time
tf
-
15
ns
Turn-on energy
Eon
-
0.32
Turn-off energy
Eoff
-
0.21
Total switching energy
Ets
Tj=25°C,
VCC=400V,IC=15A,
VGE=0/15V,
RG=23Ω
Lσ
1) =60nH,
Cσ
1) =40pF
Energy losses include
“tail” and diode
reverse recovery.
-
0.53
mJ
Switching Characteristic, Inductive Load, at Tj=150 °C
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
IGBT Characteristic
Turn-on delay time
td(on)
-
11
Rise time
tr
-
6
Turn-off delay time
td(off)
-
72
Fall time
tf
-
26
ns
Turn-on energy
Eon
-
0.38
Turn-off energy
Eoff
-
0.20
Total switching energy
Ets
Tj=150°C
VCC=400V,IC=15A,
VGE=0/15V,
RG= 3.6Ω
Lσ
1) =60nH,
Cσ
1) =40pF
Energy losses include
“tail” and diode
reverse recovery.
-
0.58
mJ
Turn-on delay time
td(on)
-
12
Rise time
tr
-
15
Turn-off delay time
td(off)
-
235
Fall time
tf
-
17
ns
Turn-on energy
Eon
-
0.48
Turn-off energy
Eoff
-
0.30
Total switching energy
Ets
Tj=150°C
VCC=400V,IC=15A,
VGE=0/15V,
RG= 23Ω
Lσ
1) =60nH,
Cσ
1) =40pF
Energy losses include
“tail” and diode
reverse recovery.
-
0.78
mJ
1) Leakage inductance Lσ and Stray capacity Cσ due to test circuit in Figure E.


Similar Part No. - SGB15N60HS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
More results

Similar Description - SGB15N60HS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SGP20N60HS INFINEON-SGP20N60HS Datasheet
426Kb / 11P
   High Speed IGBT in NPT-technology
Rev.2 Aug-02
SGW50N60HS INFINEON-SGW50N60HS Datasheet
331Kb / 11P
   High Speed IGBT in NPT-technology
Rev. 2.1 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SIGC25T60UN INFINEON-SIGC25T60UN Datasheet
76Kb / 4P
   HIGHT SPEED IGBT CHIP IN NPT-TECHNOLOGY
Edition2, 28.11.2003
SIGC15T60UN INFINEON-SIGC15T60UN Datasheet
68Kb / 4P
   High Speed IGBT Chip in NPT-technology positive temperature coefficient
28.11.2003
SIGC07T60UN INFINEON-SIGC07T60UN Datasheet
70Kb / 4P
   High Speed IGBT Chip in NPT-technology positive temperature coefficient
28.11.2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com