Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV3250XM Datasheet(PDF) 2 Page - Seme LAB

Part # BYV3250XM
Description  HERMETICALLY SEALED DUAL FAST RECOVERY SILICON RECTIFIER FOR HI.REL APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BYV3250XM Datasheet(HTML) 2 Page - Seme LAB

  BYV3250XM Datasheet HTML 1Page - Seme LAB BYV3250XM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Prelim. 7/94
LAB
SEME
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IR
Reverse Current
VF *
Forward Voltage
trr
Reverse Recovery Time
Qrr
Recovered Charge
VFP
Forward Recovery Overvoltage
VR = VRWM
Tj = 25°C
VR = VRWM
Tj = 100°C
IF = 8A
TC = 25°C
IF = 20A
TC = 25°C
IF = 5A
TC = 100°C
IF = 2A
VR = 30V
di / dt = 20A/
ms
IF = 1A
VR = 30V
di / dt = 50A/
ms
IF = 2A
VR = 30V
di / dt = 20A/
ms
di / dt = 50A/
msIF = 1A
30
0.6
1.1
1.5
0.95
35
50
15
1.0
mA
mA
V
ns
ns
nC
V
ELECTRICAL CHARACTERISTICS (Per Diode) (Tcase = 25°C unless otherwise stated)
* Pulse Test: tp £ 300ms, duty cycle £ 2%.
RqJC†
Thermal Resistance Junction – Case
1.6
°C/W
THERMAL CHARACTERISTICS
† Both diodes conducting.
BYV32–50–XM / XTM4
BYV32–100–XM / XTM
BYV32–150–XM / XTM
BYV32–200–XM / XTM
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk


Similar Part No. - BYV3250XM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BYV3250M0 SEME-LAB-BYV3250M0 Datasheet
24Kb / 2P
   HERMETICALLY SEALED DUAL FAST RECOVERY SILICON RECTIFIER FOR HI.REL APPLICATIONS
More results

Similar Description - BYV3250XM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BYV3250M0 SEME-LAB-BYV3250M0 Datasheet
24Kb / 2P
   HERMETICALLY SEALED DUAL FAST RECOVERY SILICON RECTIFIER FOR HI.REL APPLICATIONS
BYV34300M SEME-LAB-BYV34300M Datasheet
23Kb / 2P
   HERMETICALLY SEALED DUAL FAST RECOVERY SILICON RECTIFIER FOR HI.REL APPLICATIONS
BYV29300M SEME-LAB-BYV29300M Datasheet
22Kb / 2P
   HERMETICALLY SEALED FAST RECOVERY SILICON RECTIFIER FOR HI.REL APPLICATIONS
BYV29-300M SEME-LAB-BYV29-300M_04 Datasheet
26Kb / 2P
   HERMETICALLY SEALED FAST RECOVERY SILICON RECTIFIER FOR HI-REL APPLICATIONS
BYT08-400-220M SEME-LAB-BYT08-400-220M Datasheet
25Kb / 2P
   DUAL FAST RECOVERY RECTIFIER IN TO220 METAL PACKAGE FOR HI.REL APPLICATIONS
logo
Semtech Corporation
1N4942 SEMTECH-1N4942 Datasheet
91Kb / 2P
   Axial Leaded Hermetically Sealed Fast Recovery Rectifier Diodes
1N6620 SEMTECH-1N6620 Datasheet
37Kb / 3P
   Axial Leaded Hermetically Sealed Ultra Fast Recovery Rectifier Diode
logo
Microsemi Corporation
JANTX1N4946 MICROSEMI-JANTX1N4946 Datasheet
268Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N4942 MICROSEMI-1N4942_04 Datasheet
252Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5415 MICROSEMI-1N5415_08 Datasheet
225Kb / 3P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com