Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB213004F Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PTFB213004F
Description  High Power RF LDMOS Field Effect Transistor 300 W, 2110-2170 MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB213004F Datasheet(HTML) 5 Page - Infineon Technologies AG

  PTFB213004F Datasheet HTML 1Page - Infineon Technologies AG PTFB213004F Datasheet HTML 2Page - Infineon Technologies AG PTFB213004F Datasheet HTML 3Page - Infineon Technologies AG PTFB213004F Datasheet HTML 4Page - Infineon Technologies AG PTFB213004F Datasheet HTML 5Page - Infineon Technologies AG PTFB213004F Datasheet HTML 6Page - Infineon Technologies AG PTFB213004F Datasheet HTML 7Page - Infineon Technologies AG PTFB213004F Datasheet HTML 8Page - Infineon Technologies AG PTFB213004F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
5 of 16
Rev. 05.2, 2010-12-09
PTFB213004F
Confidential, Limited Internal Distribution
-80
-60
-40
-20
0
20
40
60
0
5
10
15
20
36
40
44
48
52
56
Output Power, avg. (dBm)
Output PAR Compression (PARC),
2140 MHz
VDD = 30 V, IDQ = 2.4 A, ƒ = 2140 MHz,
single-carrier 3GPP WCDMA signal,
input PAR = 7.5 dB, 3.84 MHz BW
Gain
Efficiency
PARC @ .01% CCDF
ACP
-80
-60
-40
-20
0
20
40
60
0
5
10
15
20
36
40
44
48
52
56
Output Power, avg. (dBm)
Output PAR Compression (PARC),
2170 MHz
VDD = 30 V, IDQ = 2.4 A, ƒ = 2170 MHz,
single-carrier 3GPP WCDMA signal,
input PAR = 7.5 dB, 3.84 MHz BW
Gain
Efficiency
PARC @ .01% CCDF
ACP
-65
-55
-45
-35
-25
-15
0
10
20
30
40
50
60
70
80
Tone Spacing (MHz)
Intermodulation Distortion vs.
Tone Spacing
VDD = 30 V, IDQ = 2.4 A, ƒ = 2140 MHz,
POUT = 251 W (PEP)
IM5
IM7
IM3
-75
-65
-55
-45
-35
-25
-15
39
43
47
51
55
Output Power, Avg. (dBm)
Two-tone IMD vs. Output Power
VDD = 30 V, IDQ = 2.4 A,
ƒ1 = 2170 MHz, ƒ2 = 2169 MHz
3rd Order
5th
7th
Typical Performance (cont.)


Similar Part No. - PTFB213004F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB213004F INFINEON-PTFB213004F Datasheet
740Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
logo
Cree, Inc
PTFB213004F CREE-PTFB213004F Datasheet
528Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PTFB213004FV2R0 INFINEON-PTFB213004FV2R0 Datasheet
740Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
PTFB213004FV2R0XTMA1 INFINEON-PTFB213004FV2R0XTMA1 Datasheet
740Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
PTFB213004FV2R250 INFINEON-PTFB213004FV2R250 Datasheet
740Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
More results

Similar Description - PTFB213004F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB213004F INFINEON-PTFB213004F_16 Datasheet
740Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
logo
Cree, Inc
PTFB213004F CREE-PTFB213004F Datasheet
528Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PTF210901 INFINEON-PTF210901 Datasheet
266Kb / 8P
   LDMOS RF Power Field Effect Transistor 90 W, 2110-2170 MHz
2004-01-16
PTF211301 INFINEON-PTF211301 Datasheet
449Kb / 9P
   LDMOS RF Power Field Effect Transistor 130 W, 2110-2170 MHz
2004-01-02
PTF210101M INFINEON-PTF210101M Datasheet
276Kb / 8P
   High Power RF LDMOS Field Effect Transistor 10 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
PTF210301 INFINEON-PTF210301 Datasheet
337Kb / 8P
   LDMOS RF Power Field Effect Transistor 30 W, 2110-2170 MHz
2003-12-22
PTF211802 INFINEON-PTF211802 Datasheet
169Kb / 8P
   LDMOS RF Power Field Effect Transistor 180 W, 2110-2170 MHz
2004-02-13
PTF210451 INFINEON-PTF210451 Datasheet
406Kb / 8P
   LDMOS RF Power Field Effect Transistor 45 W, 2110-2170 MHz
2003-12-22
logo
Tyco Electronics
MAPLST2122-030CF MACOM-MAPLST2122-030CF Datasheet
162Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 30W, 28V
MAPLST2122-060CF MACOM-MAPLST2122-060CF Datasheet
172Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 60W, 28V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com