Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB211803FL Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # PTFB211803FL
Description  Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB211803FL Datasheet(HTML) 4 Page - Infineon Technologies AG

  PTFB211803FL Datasheet HTML 1Page - Infineon Technologies AG PTFB211803FL Datasheet HTML 2Page - Infineon Technologies AG PTFB211803FL Datasheet HTML 3Page - Infineon Technologies AG PTFB211803FL Datasheet HTML 4Page - Infineon Technologies AG PTFB211803FL Datasheet HTML 5Page - Infineon Technologies AG PTFB211803FL Datasheet HTML 6Page - Infineon Technologies AG PTFB211803FL Datasheet HTML 7Page - Infineon Technologies AG PTFB211803FL Datasheet HTML 8Page - Infineon Technologies AG PTFB211803FL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet
4 of 14
Rev. 05, 2010-11-10
PTFB211803EL
PTFB211803FL
Confidential, Limited Internal Distribution
0
10
20
30
40
50
-65
-55
-45
-35
-25
-15
40
42
44
46
48
50
52
54
Output Power, PEP (dBm)
Two-tone Drive-up
VDD = 30 V, IDQ = 1.30 A,
ƒ1 = 2170 MHz, ƒ2 = 2169 MHz
Efficiency
IMD3
-50
-40
-30
-20
-10
15
25
35
45
55
2080
2100
2120
2140
2160
2180
2200
Frequency (MHz)
Two-tone Broadband Performance
VDD = 30 V, IDQ = 1.30 A, POUT = 63 W
Gain
Efficiency
IRL
IMD3
0
10
20
30
40
50
15
16
17
18
19
20
40
42
44
46
48
50
52
54
Output Power, PEP (dBm)
Two-tone Drive-up
VDD = 30 V, IDQ = 1.30 A,
ƒ1 = 2170 MHz, ƒ2 = 2169 MHz
Efficiency
Gain
-50
-40
-30
-20
41
43
45
47
49
51
53
Output Power, PEP (dBm)
Two-tone Drive-up at
Selected Frequencies
VDD = 30 V, IDQ = 1.30 A, tone spacing = 1 MHz
2170MHz
2140MHz
2110MHz
-50
-40
-30
-20
41
43
45
47
49
51
53
Output Power, PEP (dBm)
Two-tone Drive-up at
Selected Frequencies
VDD = 30 V, IDQ = 1.30 A, tone spacing = 1 MHz
2170MHz
2140MHz
2110MHz
Typical Performance (cont.)


Similar Part No. - PTFB211803FL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB211803FL INFINEON-PTFB211803FL Datasheet
819Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.1, 2016-06-15
PTFB211803FLV2R0 INFINEON-PTFB211803FLV2R0 Datasheet
819Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.1, 2016-06-15
PTFB211803FLV2R0XTMA1 INFINEON-PTFB211803FLV2R0XTMA1 Datasheet
819Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.1, 2016-06-15
PTFB211803FLV2R250 INFINEON-PTFB211803FLV2R250 Datasheet
819Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.1, 2016-06-15
PTFB211803FLV2R250XTMA1 INFINEON-PTFB211803FLV2R250XTMA1 Datasheet
819Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.1, 2016-06-15
More results

Similar Description - PTFB211803FL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA211801E INFINEON-PTFA211801E Datasheet
275Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 04, 2007-11-15
PTFB212503EFL INFINEON-PTFB212503EFL Datasheet
830Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 07.1, 2016-06-15
PTFA212401E INFINEON-PTFA212401E Datasheet
495Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 04, 2009-10-05
PTFB211501E INFINEON-PTFB211501E Datasheet
362Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 02, 2009-11-19
PTFA210601E INFINEON-PTFA210601E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 60 W, 2110 ??2170 MHz
Rev. 03, 2007-11-19
PTFA212001E INFINEON-PTFA212001E Datasheet
402Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 200 W, 2110 ??2170 MHz
Rev. 05.1, 2009-02-24
PTFB211503EL INFINEON-PTFB211503EL Datasheet
734Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 04, 2011-03-07
PTFB212503EL INFINEON-PTFB212503EL Datasheet
978Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110-2170 MHz
Rev. 07, 2010-11-04
PTFA211801E INFINEON-PTFA211801E_11 Datasheet
583Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 2110-2170 MHz
Rev. 06, 2011-01-11
PTFA210701E INFINEON-PTFA210701E Datasheet
387Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 70 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com