Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB211503FL Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PTFB211503FL
Description  Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB211503FL Datasheet(HTML) 1 Page - Infineon Technologies AG

  PTFB211503FL Datasheet HTML 1Page - Infineon Technologies AG PTFB211503FL Datasheet HTML 2Page - Infineon Technologies AG PTFB211503FL Datasheet HTML 3Page - Infineon Technologies AG PTFB211503FL Datasheet HTML 4Page - Infineon Technologies AG PTFB211503FL Datasheet HTML 5Page - Infineon Technologies AG PTFB211503FL Datasheet HTML 6Page - Infineon Technologies AG PTFB211503FL Datasheet HTML 7Page - Infineon Technologies AG PTFB211503FL Datasheet HTML 8Page - Infineon Technologies AG PTFB211503FL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Data Sheet
1 of 14
Rev. 04, 2011-03-07
PTFB211503EL
PTFB211503FL
Confidential, Limited Internal Distribution
0
5
10
15
20
25
30
35
40
-60
-55
-50
-45
-40
-35
-30
-25
-20
31
33
35
37
39
41
43
45
47
49
Output Power (dBm)
Two-carrier WCDMA 3GPP Drive-up
VDD = 30 V, IDQ = 1.20 A, ƒ = 2170 MHz, 3GPP
WCDMA, PAR = 8 dB, 10 MHz carrier spacing,
BW 3.84 MHz
ACPR
Efficiency
IMD Up
IMD Low
RF Characteristics
Two-carrier WCDMA Measurements (not subject to production test—verified by design/characterization in Infineon test fixture)
VDD = 30 V, IDQ = 1.2 A, POUT = 32 W AVG, ƒ1 = 2135 MHz, ƒ2 = 2145 MHz, 3GPP signal, channel bandwidth = 3.84 MHz,
peak/average = 8 dB @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
18
dB
Drain Efficiency
hD
29
%
Adjacent Channel Power Ratio
ACPR
–36
dBc
Thermally-Enhanced High Power RF LDMOS FETs
150 W, 2110 – 2170 MHz
Description
The PTFB211503EL and PTFB211503FL are thermally-enhanced,
150-watt, LDMOS FETs designed for cellular power amplifier
applications in the 2110 to 2170 frequency band. Features
include I/O matching, high gain, and thermally-enhanced ceramic
open-cavitypackageswithslottedandearlessflanges.Manufacturedwith
Infineon's advanced LDMOS process, these devices provide excellent
thermal performance and superior reliability.
PTFB211503EL
H-33288-6
Features
• Broadband internal matching
• Enhanced for use in DPD error correction systems
• Typical two-carrier WCDMA performance at 2170
MHz, 30 V
- Average output power = 32 W
- Linear Gain = 18 dB
- Efficiency = 29%
- Intermodulation distortion = –34 dBc
- Adjacent channel power = –37 dBc
• Typical CW performance, 2170 MHz, 30 V
- Output power at P1dB = 150 W
- Efficiency = 55%
• Increased negative gate-source voltage range
for improved performance in Doherty peaking
amplifiers
• Integrated ESD protection
• Capable of handling 10:1 VSWR @ 30 V, 150 W
(CW) output power
• Pb-Free and RoHS compliant
PTFB211503FL
H-34288-4/2


Similar Part No. - PTFB211503FL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB211503FL INFINEON-PTFB211503FL Datasheet
832Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-14
logo
Cree, Inc
PTFB211503FL CREE-PTFB211503FL Datasheet
578Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PTFB211503FLV2R0 INFINEON-PTFB211503FLV2R0 Datasheet
832Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-14
PTFB211503FLV2R0XTMA1 INFINEON-PTFB211503FLV2R0XTMA1 Datasheet
832Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-14
PTFB211503FLV2R250 INFINEON-PTFB211503FLV2R250 Datasheet
832Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-14
More results

Similar Description - PTFB211503FL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB211501E INFINEON-PTFB211501E Datasheet
362Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 02, 2009-11-19
PTFA211801E INFINEON-PTFA211801E Datasheet
275Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 04, 2007-11-15
PTFB211803EL INFINEON-PTFB211803EL Datasheet
477Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 05, 2010-11-10
PTFB212503EFL INFINEON-PTFB212503EFL Datasheet
830Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 07.1, 2016-06-15
PTFA212401E INFINEON-PTFA212401E Datasheet
495Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 04, 2009-10-05
PTFA210601E INFINEON-PTFA210601E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 60 W, 2110 ??2170 MHz
Rev. 03, 2007-11-19
PTFA212001E INFINEON-PTFA212001E Datasheet
402Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 200 W, 2110 ??2170 MHz
Rev. 05.1, 2009-02-24
PTFB212503EL INFINEON-PTFB212503EL Datasheet
978Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110-2170 MHz
Rev. 07, 2010-11-04
logo
Cree, Inc
PTFB211503FL CREE-PTFB211503FL Datasheet
578Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PXFC211507SC INFINEON-PXFC211507SC Datasheet
201Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2110 ??2170 MHz
Rev. 02, 2015-03-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com