Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB082817FH Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # PTFB082817FH
Description  Thermally-Enhanced High Power RF LDMOS FET 280 W, 30 V, 791-821 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB082817FH Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button PTFB082817FH Datasheet HTML 4Page - Infineon Technologies AG PTFB082817FH Datasheet HTML 5Page - Infineon Technologies AG PTFB082817FH Datasheet HTML 6Page - Infineon Technologies AG PTFB082817FH Datasheet HTML 7Page - Infineon Technologies AG PTFB082817FH Datasheet HTML 8Page - Infineon Technologies AG PTFB082817FH Datasheet HTML 9Page - Infineon Technologies AG PTFB082817FH Datasheet HTML 10Page - Infineon Technologies AG PTFB082817FH Datasheet HTML 11Page - Infineon Technologies AG PTFB082817FH Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Data Sheet
8 of 13
Rev. 02, 2010-12-13
PTFB082817FH
Confidential, Limited Internal Distribution
Reference Circuit (cont.)
Description
DUT
PTFB082817FH
PCB
0.508 mm [.020"] thick, er = 3.48, Rogers 4350, 1 oz. copper
Electrical Characteristics at 821 MHz
Transmission
Electrical
Dimensions: mm
Dimensions: mils
Line
Characteristics
Input
TL101
0.005 λ, 51.46 W
W = 1.105, L = 1.168
W = 44, L = 46
TL102
0.008 λ, 51.46 W
W1 = 1.105, W2 = 1.105, W3 = 1.778
W1 = 44, W2 = 44, W3 = 70
TL103
W1 = 17.780, W2 = 1.778, W3 = 17.780,
W1 = 700, W2 = 70, W3 = 700,
W4 = 2.032
W4 = 80
TL104, TL105, TL106,
W = 1.105
W = 44
TL107
TL108, TL109, TL110,
W = 0.762
W = 30
TL111, TL131
TL112
0.004 λ, 5.33 W
W1 = 17.780, W2 = 17.780, W3 = 0.762
W1 = 700, W2 = 700, W3 = 30
TL113
W1 = 17.780, W2 = 12.700
W1 = 700, W2 = 500
TL114
W1 = 1.676, W2 = 17.780
W1 = 66, W2 = 700
TL115
0.002 λ, 63.89 W
W = 0.762, L = 0.508
W = 30, L = 20
TL116
0.043 λ, 5.33 W
W = 17.780, L = 8.636
W = 700, L = 340
TL117
0.036 λ, 51.46 W
W = 1.105, L = 8.001
W = 44, L = 315
TL118
0.007 λ, 39.10 W
W = 1.676, L = 1.511
W = 66, L = 60
TL119
0.023 λ, 51.46 W
W = 1.105, L = 5.055
W = 44, L = 199
TL120
0.006 λ, 63.89 W
W = 0.762, L = 1.270
W = 30, L = 50
TL121
0.054 λ, 39.10 W
W = 1.676, L = 11.722
W = 66, L = 462
TL122
0.013 λ, 63.89 W
W = 0.762, L = 2.921
W = 30, L = 115
TL123
0.085 λ, 63.89 W
W = 0.762, L = 19.050
W = 30, L = 750
TL124
0.005 λ, 51.46 W
W = 1.105, L = 1.016
W = 44, L = 40
TL125
0.002 λ, 63.89 W
W = 0.762, L = 0.559
W = 30, L = 22
TL126
0.006 λ, 26.81 W
W = 2.794, L = 1.270
W = 110, L = 50
TL127
0.038 λ, 5.33 W
W = 17.780, L = 7.645
W = 700, L = 301
TL128
0.034 λ, 51.46 W
W = 1.105, L = 7.574
W = 44, L = 298
TL129
0.001 λ, 26.81 W
W = 2.794, L = 0.254
W = 110, L = 10
TL130
0.006 λ, 39.10 W
W = 1.676, L = 1.270
W = 66, L = 50
TL132
W1 = 1.676, W2 = 1.105
W1 = 66, W2 = 44
TL133
0.009 λ, 39.10 W
W1 = 1.676, W2 = 1.676, W3 = 2.032
W1 = 66, W2 = 66, W3 = 80
TL134, TL135, TL136, 0.012 λ, 26.81 W
W1 = 2.794, W2 = 2.794, W3 = 2.540
W1 = 110, W2 = 110, W3 = 100
TL137
TL138, TL139
0.010 λ, 26.81 W
W1 = 2.794, W2 = 2.794, W3 = 2.032
W1 = 110, W2 = 110, W3 = 80
TL140
0.009 λ, 63.89 W
W1 = 0.762, W2 = 0.762, W3 = 2.032
W1 = 30, W2 = 30, W3 = 80
TL141
0.011 λ, 63.89 W
W = 0.762, L = 2.492
W = 30, L = 98
TL142
0.010 λ, 5.33 W
W1 = 17.780, W2 = 17.780, W3 = 2.032
W1 = 700, W2 = 700, W3 = 80


Similar Part No. - PTFB082817FH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB072707FH INFINEON-PTFB072707FH Datasheet
917Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-15
logo
Cree, Inc
PTFB072707FH CREE-PTFB072707FH Datasheet
699Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 270 W, 28 V, 728 ??768 MHz
logo
Infineon Technologies A...
PTFB072707FHV1R0 INFINEON-PTFB072707FHV1R0 Datasheet
917Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-15
PTFB072707FHV1R0XTMA1 INFINEON-PTFB072707FHV1R0XTMA1 Datasheet
917Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-15
PTFB072707FHV1R250 INFINEON-PTFB072707FHV1R250 Datasheet
917Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-15
More results

Similar Description - PTFB082817FH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA082407NF INFINEON-PTVA082407NF Datasheet
453Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
Rev. 02.5, 2017-07-18
logo
Cree, Inc
PTVA082407NF CREE-PTVA082407NF Datasheet
639Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
PTRA084808NF CREE-PTRA084808NF Datasheet
649Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 ??821 MHz
logo
WOLFSPEED, INC.
PTRA084808NF WOLFSPEED-PTRA084808NF Datasheet
881Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 – 821 MHz
Rev. 03.4, 2022-1-27
PTVA082407NF WOLFSPEED-PTVA082407NF Datasheet
733Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 – 821 MHz
Rev. 04.1, 2022-02-13
logo
Infineon Technologies A...
PTFC262808SV INFINEON-PTFC262808SV Datasheet
180Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
Rev. 02.1, 2013-08-02
PTRA082808NF INFINEON-PTRA082808NF Datasheet
534Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 280 W, 48 V, 790 ??820 MHz
Rev. 04.1, 2018-01-30
PTFC262808FV INFINEON-PTFC262808FV Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
Rev. 03, 2016-06-22
logo
WOLFSPEED, INC.
PTRA082808NF WOLFSPEED-PTRA082808NF Datasheet
677Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 280 W, 48 V, 790 – 820 MHz
Rev. 06.2, 2022-1-27
logo
Cree, Inc
PTFC262808FV CREE-PTFC262808FV Datasheet
806Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com