Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA211801E Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PTFA211801E
Description  Thermally-Enhanced High Power RF LDMOS FET 180 W, 2110-2170 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA211801E Datasheet(HTML) 1 Page - Infineon Technologies AG

  PTFA211801E_11 Datasheet HTML 1Page - Infineon Technologies AG PTFA211801E_11 Datasheet HTML 2Page - Infineon Technologies AG PTFA211801E_11 Datasheet HTML 3Page - Infineon Technologies AG PTFA211801E_11 Datasheet HTML 4Page - Infineon Technologies AG PTFA211801E_11 Datasheet HTML 5Page - Infineon Technologies AG PTFA211801E_11 Datasheet HTML 6Page - Infineon Technologies AG PTFA211801E_11 Datasheet HTML 7Page - Infineon Technologies AG PTFA211801E_11 Datasheet HTML 8Page - Infineon Technologies AG PTFA211801E_11 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Data Sheet
1 of 9
Rev. 06, 2011-01-11
PTFA211801E
Confidential, Limited Internal Distribution
RF Characteristics
WCDMA Measurements (tested in Infineon test fixture)
VDD = 28 V, IDQ = 1.2 A, POUT = 35 W average, ƒ1 = 2135 MHz, ƒ2 = 2145 MHz, 3GPP signal, channel bandwidth = 3.84 MHz,
peak/average = 8 dB @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
14.5
15.5
dB
Drain Efficiency
hD
26
27.5
%
Intermodulation Distortion
IMD
–36
–34
dBc
Thermally-Enhanced High Power RF LDMOS FET
180 W, 2110 – 2170 MHz
Description
The PTFA211801E is a thermally-enhanced, 180-watt, internally
matched LDMOS FET intended for WCDMA applications. It is
characaterized for single- and two-carrier WCDMA operation from
2110 to 2170 MHz. Manufactured with Infineon's advanced LDMOS
process, this device provides excellent thermal performance and
superior reliability.
Features
• Broadband internal matching
• Typical two-carrier WCDMA performance at 2140
MHz, 28 V
- Average output power = 45.5 dBm
- Linear Gain = 15.5 dB
- Efficiency = 27.5%
- Intermodulation distortion = –36 dBc
- Adjacent channel power = –41 dBc
• Typical CW performance, 2170 MHz, 30 V
- Output power at P1dB = 180 W
- Efficiency = 52%
• Integrated ESD protection
• Excellent thermal stability, low HCI drift
• Capable of handling 10:1 VSWR @ 28 V,
150 W (CW) output power
• Pb-free and RoHS-compliant
PTFA211801E
Package H-36260-2
0
5
10
15
20
25
30
-55
-50
-45
-40
-35
-30
-25
34
36
38
40
42
44
46
48
Average Output Power (dBm)
Two-carrier WCDMA Drive-up
VDD = 28 V, IDQ = 1.2 A, ƒ = 2140 MHz,
3GPP WCDMA signal, PAR = 8 dB,
10 MHz carrier spacing
ACPR
Efficiency
IM3


Similar Part No. - PTFA211801E_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
More results

Similar Description - PTFA211801E_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA211801E INFINEON-PTFA211801E Datasheet
275Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 04, 2007-11-15
PTFB211803EL INFINEON-PTFB211803EL Datasheet
477Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 05, 2010-11-10
PTFA210701E INFINEON-PTFA210701E Datasheet
387Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 70 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
PTFA210301E INFINEON-PTFA210301E Datasheet
198Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 30 W, 2110-2170 MHz
Rev. 03, 2008-03-04
logo
Cree, Inc
PTFB211503FL CREE-PTFB211503FL Datasheet
578Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 2110 ??2170 MHz
PTFB212503FL CREE-PTFB212503FL Datasheet
553Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PTFA211001E INFINEON-PTFA211001E Datasheet
223Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 2110-2170 MHz
Rev. 03, 2008-03-04
PTFA212002E INFINEON-PTFA212002E Datasheet
227Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 2110-2170 MHz
Rev. 02, 2005-05-16
PTFB212507SH INFINEON-PTFB212507SH Datasheet
193Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 28 V, 2110 ??2170 MHz
Rev. 03, 2015-10-30
PXFC211507SC INFINEON-PXFC211507SC Datasheet
201Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2110 ??2170 MHz
Rev. 02, 2015-03-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com