Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA091203EL Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # PTFA091203EL
Description  Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920-960 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA091203EL Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button PTFA091203EL Datasheet HTML 2Page - Infineon Technologies AG PTFA091203EL Datasheet HTML 3Page - Infineon Technologies AG PTFA091203EL Datasheet HTML 4Page - Infineon Technologies AG PTFA091203EL Datasheet HTML 5Page - Infineon Technologies AG PTFA091203EL Datasheet HTML 6Page - Infineon Technologies AG PTFA091203EL Datasheet HTML 7Page - Infineon Technologies AG PTFA091203EL Datasheet HTML 8Page - Infineon Technologies AG PTFA091203EL Datasheet HTML 9Page - Infineon Technologies AG PTFA091203EL Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PTFA091203EL
Confidential, Limited Internal Distribution
Data Sheet
9 of 10
Rev. 05, 2010-11-12
Package Outline Specifications
Package H-33288-6
Find the latest and most complete information about products and packaging at the Infineon Internet page
http://www.infineon.com/rfpower
Diagram Notes—unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994.
2. Primary dimensions are mm. Alternate dimensions are inches.
3. All tolerances ± 0.127 [.005] unless specified otherwise.
4. Pins: G = gate, S = source, D = drain, V = VDD, E, F = N.C.
5. Lead thickness: 0.10 + 0.051/–0.025 mm [.004 +0.002/–0.001 inch].
6. Gold plating thickness: 0.25 micron [10 microinch] max.
+.254
–.127
+.010
–.005 ]
L
C
D
G
S
CL
19.558±.510
[.770±.020]
27.940
[1.100]
2X 12.700
[.500]
45° X 2.032
[45° X .080]
4X 1.143
[.045] (4 PLS)
9.398
[.370]
9.779
[.385]
34.036
[1.340]
1.016
[.040]
1.575
[.062] (SPH)
22.352±.200
[.880±.008]
4.039
[.159
2X 22.860
[.900]
[.200] (2 PLS)
CL
4.889±.510
[.192±.020]
4X R1.524
[R.060]
2X R1.626
[R.064]
V
E
V
F
4X 30°
H -33288 - 6_ po _02 -18 - 2010
2X 5.080


Similar Part No. - PTFA091203EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA091201E INFINEON-PTFA091201E Datasheet
272Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920 ??960 MHz
Rev. 03, 2007-11-19
PTFA091201E INFINEON-PTFA091201E Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA091201EV4R0 INFINEON-PTFA091201EV4R0 Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA091201EV4R0XTMA1 INFINEON-PTFA091201EV4R0XTMA1 Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
More results

Similar Description - PTFA091203EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA091201GL INFINEON-PTFA091201GL_09 Datasheet
391Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920-960 MHz
Rev. 03, 2009-03-31
PTFA091201GL INFINEON-PTFA091201GL Datasheet
288Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920 ??960 MHz
Rev. 02, 2008-08-27
PTFA091201E INFINEON-PTFA091201E Datasheet
272Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920 ??960 MHz
Rev. 03, 2007-11-19
PTFA092211EL INFINEON-PTFA092211EL Datasheet
424Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 ??960 MHz
Rev. 02, 2009-05-27
PTFA092201E INFINEON-PTFA092201E Datasheet
379Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 - 960 MHz
Rev. 03.1, 2009-02-20
PTFA092213EL INFINEON-PTFA092213EL Datasheet
671Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920-960 MHz
Rev. 04, 2010-11-04
PTFB090901EA INFINEON-PTFB090901EA Datasheet
226Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 . 960 MHz
Rev. 04, 2012-02-23
logo
Cree, Inc
PTFB090901EA CREE-PTFB090901EA Datasheet
710Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFA091503EL INFINEON-PTFA091503EL Datasheet
627Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920-960 MHz
Rev. 03, 2010-08-11
PTFA091503EL INFINEON-PTFA091503EL_16 Datasheet
766Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920 ??960 MHz
Rev. 04, 2016-06-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com