Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITS716G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # ITS716G
Description  Smart High-Side Power Switch For Industrial Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS716G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button ITS716G_08 Datasheet HTML 2Page - Infineon Technologies AG ITS716G_08 Datasheet HTML 3Page - Infineon Technologies AG ITS716G_08 Datasheet HTML 4Page - Infineon Technologies AG ITS716G_08 Datasheet HTML 5Page - Infineon Technologies AG ITS716G_08 Datasheet HTML 6Page - Infineon Technologies AG ITS716G_08 Datasheet HTML 7Page - Infineon Technologies AG ITS716G_08 Datasheet HTML 8Page - Infineon Technologies AG ITS716G_08 Datasheet HTML 9Page - Infineon Technologies AG ITS716G_08 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
PROFET® ITS716G
Data Sheet
6
Rev. 1.1, 2008-10-02
3DUDPHWHUDQG&RQGLWLRQV HDFKRI WKHIRXU FKDQQHOV
6\PERO
9DOXHV
8QLW
DW7M
ƒ& 9EE 9XQOHVV RWKHUZLVHVSHFLILHG
PLQ
W\S
PD[
2SHUDWLQJ3DUDPHWHUV
2SHUDWLQJ YROWDJH
9EE RQ



9
8QGHUYROWDJHVZLWFKRII
7M ƒ& 9EE X VR



9
7M ƒ&



2YHUYROWDJHSURWHFWLRQ
,EE P$
9EE $=



9
6WDQGE\ FXUUHQW
7M ƒ&ƒ&
9,1  VHHGLDJUDP SDJH
7M ƒ&
,EE RII






μ$
7M ƒ&



2II6WDWHRXWSXWFXUUHQW LQFOXGHGLQ ,EE RII
9,1 HDFKFKDQQHO
,/ RII



μ$
2SHUDWLQJ FXUUHQW   9,1 9
,*1' ,*1'  ,*1'
RQHFKDQQHO RQ
DOOFKDQQHOVRQ
,*1'






P$
3URWHFWLRQ)XQFWLRQV
&XUUHQWOLPLW 9RXW 9 VHHWLPLQJGLDJUDPVSDJH
7M ƒ&
7M ƒ&
7M ƒ&
,/ OLP









$
5HSHWLWLYHVKRUWFLUFXLWFXUUHQWOLPLW
7M 7MW
HDFKFKDQQHO
WZRWKUHHRU IRXU SDUDOOHO FKDQQHOV
VHHWLPLQJGLDJUDPVSDJH
,/ 6&U






$
,QLWLDO VKRUWFLUFXLWVKXWGRZQWLPH
7MVWDUW ƒ&
9RXW 9
VHHWLPLQJGLDJUDPV RQSDJH
WRII 6&



PV
2XWSXWFODPS LQGXFWLYHORDGVZLWFKRII 
DW921 &/ 9EE 9287 ,/ P$
921 &/



9
7KHUPDO RYHUORDGWULSWHPSHUDWXUH
7MW



ƒ&
7KHUPDO K\VWHUHVLV
Δ7MW



.
 LV WKHYROWDJHZKHUHWKHGHYLFHGRHVQWFKDQJHLWV VZLWFKLQJFRQGLWLRQIRU PV DIWHU WKHVXSSO\ YROWDJH
IDOOLQJEHORZ WKHORZHU OLPLWRI 9EE RQ

QRWVXEMHFWWRSURGXFWLRQWHVWVSHFLILHGE\ GHVLJQ

6XSSO\ YROWDJHV KLJKHU WKDQ9EE $= UHTXLUHDQH[WHUQDOFXUUHQWOLPLWIRU WKH*1'DQGVWDWXV SLQV DΩ
UHVLVWRU IRU WKH*1'FRQQHFWLRQLV UHFRPPHQGHG 6HHDOVR 921 &/ LQWDEOHRI SURWHFWLRQIXQFWLRQV DQG
FLUFXLWGLDJUDP RQSDJH

0HDVXUHGZLWKORDGIRU WKHZKROHGHYLFHDOOFKDQQHOV RII

$GG ,67LI ,67 !

,QWHJUDWHGSURWHFWLRQIXQFWLRQV DUHGHVLJQHGWRSUHYHQW,&GHVWUXFWLRQXQGHU IDXOWFRQGLWLRQV GHVFULEHGLQWKH
GDWDVKHHW)DXOWFRQGLWLRQV DUHFRQVLGHUHGDV RXWVLGHQRUPDORSHUDWLQJUDQJH3URWHFWLRQIXQFWLRQV DUH
QRWGHVLJQHGIRU FRQWLQXRXV UHSHWLWLYHRSHUDWLRQ

,I FKDQQHOV DUHFRQQHFWHGLQSDUDOOHORXWSXWFODPSLV XVXDOO\ DFFRPSOLVKHGE\ WKHFKDQQHOZLWKWKHORZHVW
921 &/


Similar Part No. - ITS716G_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS716G INFINEON-ITS716G Datasheet
432Kb / 14P
   Smart High-Side Power Switch For Industrial Applications Four Channels: 4 x 140m?
2006-Mar-23
More results

Similar Description - ITS716G_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISP742RI INFINEON-ISP742RI_08 Datasheet
324Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-24
ISP752T INFINEON-ISP752T_08 Datasheet
306Kb / 18P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS724G INFINEON-ITS724G_08 Datasheet
321Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-07
ISP742RI INFINEON-ISP742RI Datasheet
357Kb / 17P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP772T INFINEON-ISP772T Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ITS436L2 INFINEON-ITS436L2 Datasheet
248Kb / 12P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-28
ISP752T INFINEON-ISP752T Datasheet
341Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP762T INFINEON-ISP762T Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP752R INFINEON-ISP752R_08 Datasheet
327Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS428L2 INFINEON-ITS428L2 Datasheet
238Kb / 13P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com