Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB65R310CFD Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPB65R310CFD
Description  650V CoolMOS C6 CFD Power Transistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB65R310CFD Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPB65R310CFD Datasheet HTML 2Page - Infineon Technologies AG IPB65R310CFD Datasheet HTML 3Page - Infineon Technologies AG IPB65R310CFD Datasheet HTML 4Page - Infineon Technologies AG IPB65R310CFD Datasheet HTML 5Page - Infineon Technologies AG IPB65R310CFD Datasheet HTML 6Page - Infineon Technologies AG IPB65R310CFD Datasheet HTML 7Page - Infineon Technologies AG IPB65R310CFD Datasheet HTML 8Page - Infineon Technologies AG IPB65R310CFD Datasheet HTML 9Page - Infineon Technologies AG IPB65R310CFD Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
! +
"#$
, ! - "#$
, !
"#$
! . "#$
, ! ! "#$
)
0
&
G $H/
11 &
I 1 1. ; D 7
1
"
&
!
!
!
"
#
$
%
1& ; C
<7&I
&
,
bcRd
$
S G
0 G
2
@
1 & 7 &
,
S bWgd
) $
$
G S
0 G
2
l & ,
&
, 7
;
0
$
42
G $
S G
G $H/
G $
S G
G $ H/
@
1& ;
< , ;
0S
2
S G
G
1& ; & 1
1 1
;
$
bX_d
E
)
*
S G
0 G
2
G $H/
A)
S G
0 G
2
G $ H/
@
1 1
;
S
$
*
DS G = U &.
7
*
&
!
!
!
"
#
$
%
0 .
; . ;
;
/^OO
.
S G
G
D G = U
: .
; . ;
;
/XOO
$$
.
3DD ;
& .
; . ;
;
,-
7 '
/XbPmd
)E
.
S G
G
E
3DD ;
& .
; . ;
;
7 '
/XbWmd
A$
.
S G ;& 1
G
G
E
& 7
-
ibX_d
1
G
S G )
0 G
2
S G ) *
1
m
A $
1
&DD 7
-
ibX]]d
$
1
]A
1
2
3
&
&
!
!
!
"
#
$
%
@
& 1& ; ;
,
+YO
A
/
G E
0 G
2
S G
&
@
& 7
;
,
+Yi
)
/
@
;
,
&
+Y
/
@
.
&
,
LN"WP"M
' /XbPmd 1
D ( 7 ; . ;
;
,
1
1
1 & 7
,- 1 /XOO I
1 1 , D &
& E n
bcRd
' /XbWmd 1
D ( 7 ; . ;
;
,
1
1
;
, ,
1 /XOO I
1 1 , D &
& E n
bcRd


Similar Part No. - IPB65R310CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB65R310CFD INFINEON-IPB65R310CFD Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
logo
Inchange Semiconductor ...
IPB65R310CFD ISC-IPB65R310CFD Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPB65R310CFDA INFINEON-IPB65R310CFDA Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results

Similar Description - IPB65R310CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB65R310CFD INFINEON-IPB65R310CFD Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPA65R190CFDXKSA1 INFINEON-IPA65R190CFDXKSA1 Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD POWER Transistor
2011-05-05 revision:2.2
IPA65R420CFD INFINEON-IPA65R420CFD Datasheet
7Mb / 21P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPI65R660CFD INFINEON-IPI65R660CFD Datasheet
3Mb / 20P
   650V CoolMOS CFD Power Transistor
Rev. 2.0, 2011-02-01
IPW65R080CFD INFINEON-IPW65R080CFD Datasheet
1Mb / 12P
   650V CoolMOS CFD Power Transistor
Rev. 2.0, 2011-02-02
IPB65R280C6 INFINEON-IPB65R280C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-07-26 revision:2.0
IPB65R380C6 INFINEON-IPB65R380C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-10-22 revision:2.0
IPA65R600C6 INFINEON-IPA65R600C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-08-19 revision:2.0
IPW65R070C6 INFINEON-IPW65R070C6 Datasheet
1Mb / 12P
   650V CoolMOS C6 Power Transistor
Rev. 2.0, 2011-03-15
IPI65R190C6 INFINEON-IPI65R190C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
Rev. 2.0, 2011-05-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com