Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPW65R660CFD Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IPW65R660CFD
Description  650V CoolMOS CFD Power Transistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW65R660CFD Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IPW65R660CFD Datasheet HTML 7Page - Infineon Technologies AG IPW65R660CFD Datasheet HTML 8Page - Infineon Technologies AG IPW65R660CFD Datasheet HTML 9Page - Infineon Technologies AG IPW65R660CFD Datasheet HTML 10Page - Infineon Technologies AG IPW65R660CFD Datasheet HTML 11Page - Infineon Technologies AG IPW65R660CFD Datasheet HTML 12Page - Infineon Technologies AG IPW65R660CFD Datasheet HTML 13Page - Infineon Technologies AG IPW65R660CFD Datasheet HTML 14Page - Infineon Technologies AG IPW65R660CFD Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
650V CoolMOS™ CFD Power Transistor
IPx65R660CFD
Electrical characteristics diagrams
Final Data Sheet
11
Rev. 2.0, 2011-02-01
Table 16
Typ. transfer characteristics
Typ. gate charge
ID=f(VGS); VDS=20V
VGS=f(Qgate), ID=3.2 A pulsed
Table 17
Avalanche energy
Drain-source breakdown voltage
EAS=f(Tj); ID=1.2 A; VDD=50 V
VBR(DSS)=f(Tj); ID=1.0 mA


Similar Part No. - IPW65R660CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW65R660CFD INFINEON-IPW65R660CFD Datasheet
4Mb / 21P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-27 revision:2.5
logo
Inchange Semiconductor ...
IPW65R660CFD ISC-IPW65R660CFD Datasheet
334Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPW65R660CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW65R080CFD INFINEON-IPW65R080CFD Datasheet
1Mb / 12P
   650V CoolMOS CFD Power Transistor
Rev. 2.0, 2011-02-02
IPB65R310CFD INFINEON-IPB65R310CFD Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPA65R190CFDXKSA1 INFINEON-IPA65R190CFDXKSA1 Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD POWER Transistor
2011-05-05 revision:2.2
IPA65R420CFD INFINEON-IPA65R420CFD Datasheet
7Mb / 21P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPX65R310CFD INFINEON-IPX65R310CFD Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPP65R045C7 INFINEON-IPP65R045C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-18
IPW65R019C7 INFINEON-IPW65R019C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.1
IPZ65R019C7 INFINEON-IPZ65R019C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0
IPA65R1K0CE INFINEON-IPA65R1K0CE Datasheet
996Kb / 15P
   650V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-19
IPA65R400CE INFINEON-IPA65R400CE Datasheet
906Kb / 14P
   650V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com