Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP16CN10NG Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPP16CN10NG
Description  OptiMOS2 Power-Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP16CN10NG Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPP16CN10NG_10 Datasheet HTML 1Page - Infineon Technologies AG IPP16CN10NG_10 Datasheet HTML 2Page - Infineon Technologies AG IPP16CN10NG_10 Datasheet HTML 3Page - Infineon Technologies AG IPP16CN10NG_10 Datasheet HTML 4Page - Infineon Technologies AG IPP16CN10NG_10 Datasheet HTML 5Page - Infineon Technologies AG IPP16CN10NG_10 Datasheet HTML 6Page - Infineon Technologies AG IPP16CN10NG_10 Datasheet HTML 7Page - Infineon Technologies AG IPP16CN10NG_10 Datasheet HTML 8Page - Infineon Technologies AG IPP16CN10NG_10 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
$    " " 
$    " " 
$    " " 
$ $   " " 
@IYIUM[MY
B`UJWT 4WVLQ[QWVZ
DVQ[
UQV%
[`X%
UI_%
 D: -9 5/ /4-=-/?1 =5>?5/>
%@BGF53 B3 5;
F
3 @57
! Waa
&
+-+)
,++)
^>
* GF
BGF53 B3 5;
F
3 @57
! ]aa
&
,/-
-1-
- 7H7D
E7 F
D
3 @E87D53 B3 5;
F
3 @57
! `aa
&
+,
,.
/GD
@A @ 67>3 K F
;
?7
. R"]\#
&
*.
++
\a
- ;
E7 F
;
?7
. `
&
*-
+*
/GD
@A 8867>3 K F
;
?7
. R"]TT#
&
+0
-*
" 3 >>F
;
?7
. T
&
0
**
# 3 F
7  : 3 D
U7  : 3 D
3 5F
7D
;
EF
;
5E
.#
# 3 F
7 F
A EA GD
57 5: 3 D
97
& Ua
&
*,
*1
\;
# 3 F
7 F
A 6D
3 ;
@ 5: 3 D
97
& UR
&
2
*,
. I;
F
5: ;
@9 5: 3 D
97
& ae
&
*.
+*
# 3 F
7 5: 3 D
97 F
A F
3 >
& U
&
,/
-1
# 3 F
7 B>3 F
73 G HA >F
3 97
) ^ZObSOc
&
.'/
&
L
* GF
BGF5: 3 D
97
& ]aa
) << 0) ?J0
&
,1
.*
\;
% 1 A1 =>1  5;01
;
A 67 5A @F
;
@A GE8A D
I3 D
6 5GD
D
7@F
$ J
&
&
.,
8
;
A 67 BG>E7 5GD
D
7@F
$ J%^cZaS
&
&
+*+
;
A 67 8A D
I3 D
6 HA >F
3 97
) J<
) ?J0$ >   
( X   V
&
*
*'+
L
- 7H7D
E7 D
75A H7D
K F
;
?7
. ``
&
**)
\a
- 7H7D
E7 D
75A H7D
K 5: 3 D
97
& ``
&
+*.
&
\;
.# .77 8;9GD7   8A D93 F7 5: 3 D97 B3 D3?7F7D678;@;F;A@
) I 0$ >6$ J
R- >(R.    X E
( ;   V
EIT\MZ
) ?J0) <J 0
+   ( $ L
) << 0) ?J 0
$ <    ' ?   "
) << 0$ <   
) ?JFA 0
- 7H  
B3 97 
   


Similar Part No. - IPP16CN10NG_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP16CN10NG INFINEON-IPP16CN10NG Datasheet
624Kb / 12P
   OptiMOS짰2 Power-Transistor Excellent gate charge x RDS(on) product (FOM)
Rev. 1.01 2006-06-02
More results

Similar Description - IPP16CN10NG_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO200N03S INFINEON-BSO200N03S Datasheet
238Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO150N03 INFINEON-BSO150N03 Datasheet
224Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSC094N03S INFINEON-BSC094N03S Datasheet
340Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.01 2004-12-15
IPD05N03LB INFINEON-IPD05N03LB Datasheet
304Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-12-16
BSC032N03S INFINEON-BSC032N03S Datasheet
301Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-04-13
BSO094N03S INFINEON-BSO094N03S Datasheet
237Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO350N03 INFINEON-BSO350N03 Datasheet
225Kb / 9P
   OptiMOS2 Power-Transistor
2004-02-09
IPD10N03LA INFINEON-IPD10N03LA Datasheet
412Kb / 11P
   OptiMOS2 Power-Transistor
Rev. 1.3 2004-05-19
IPP05CN10LG INFINEON-IPP05CN10LG Datasheet
329Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.02 2008-10-31
IPP03N03LBG INFINEON-IPP03N03LBG_08 Datasheet
275Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 0.95 2008-05-06
IPP12CN10LG INFINEON-IPP12CN10LG Datasheet
778Kb / 10P
   OptiMOS2 Power-Transistor
2008-07-15 revision:1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com