Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPL60R385CP Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPL60R385CP
Description  600V CoolMOS CP Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPL60R385CP Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPL60R385CP Datasheet HTML 1Page - Infineon Technologies AG IPL60R385CP Datasheet HTML 2Page - Infineon Technologies AG IPL60R385CP Datasheet HTML 3Page - Infineon Technologies AG IPL60R385CP Datasheet HTML 4Page - Infineon Technologies AG IPL60R385CP Datasheet HTML 5Page - Infineon Technologies AG IPL60R385CP Datasheet HTML 6Page - Infineon Technologies AG IPL60R385CP Datasheet HTML 7Page - Infineon Technologies AG IPL60R385CP Datasheet HTML 8Page - Infineon Technologies AG IPL60R385CP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
bottom view
drain
pin 4
gate
pin 1
power source
pin 3
driver
source
pin 2
600V CoolMOS™ CP Power Transistor
IPL60R385CP
Final Data Sheet
2
Rev. 2.0, 2010-10-01
1
Description
The CoolMOS™ CP series offers devices which provide all benefits of a fast
switching SJ MOSFET while not sacrificing ease of use. Extremely low
switching and conduction losses make switching applications even more
efficient, more compact, lighter, and cooler.
ThinPAK
ThinPAK is a a new leadless SMD package for HV MOSFETs. The new
package has a very small footprint of only 64mm² (vs. 150mm² for the
D2PAK) and a very low profile with only 1mm height (vs. 4.4mm for the
D2PAK). The significantly smaller package size, combined with benchmark
low parasitic inductances, provides designers with a new and effective way
to decrease system solution size in power-density driven designs.
Features
Reduced board space consumption
Increased power density
Short commutation loop
Smooth switching waveform
easy to use products
Extremely low losses due to very low FOM Rdson*Qg and Eoss
Quallfied according to JEDEC1) for target applications (Server, Adapter)
Pb-free plating, Halogen free
Applications: Server, Adapter
1) J-STD20 and JESD22
Table 1
Key Performance Parameters
Parameter
Value
Unit
Related Links
V
DS @ Tj,max
650
V
IFX CP Product Brief
RDS(on),max
0.385
IFX CP Portfolio
Q
g,typ
17
nC
IFX ThinPAK Webpage
I
D,pulse
27
A
IFX Design tools
E
oss @ 400V
3.2
µJ
Body diode d
i/dt
400
A/µs
Type
Package
Marking
IPL60R385CP
PG-VSON-4
6R385P


Similar Part No. - IPL60R385CP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL60R385CP INFINEON-IPL60R385CP Datasheet
1Mb / 13P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.1, 2012-01-10
IPL60R385CP INFINEON-IPL60R385CP_12 Datasheet
1Mb / 13P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.1, 2012-01-10
More results

Similar Description - IPL60R385CP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD60R385CP INFINEON-IPD60R385CP_15 Datasheet
595Kb / 11P
   600V CoolMOS??CP Power Transistor
2015-02-02 revision:2.4
IPL60R199CP INFINEON-IPL60R199CP Datasheet
1Mb / 13P
   600V CoolMOS CP Power Transistor
Rev. 2.0, 2010-10-01
IPL60R299CP INFINEON-IPL60R299CP Datasheet
1Mb / 13P
   600V CoolMOS CP Power Transistor
Rev. 2.0, 2010-10-01
IPD40R385CP INFINEON-IPD40R385CP_V01 Datasheet
380Kb / 11P
   600V CoolMOS™ CP Power Transistor
Rev. 2.6
IPD60R3K3C6 INFINEON-IPD60R3K3C6 Datasheet
1Mb / 14P
   600V CoolMOS C6 Power Transistor
2010-07-21 revision:2.0
IPDD60R190G7 INFINEON-IPDD60R190G7 Datasheet
1Mb / 14P
   600V CoolMOS??G7 Power Transistor
Rev.2.0,2018-01-05
IPZA60R037P7 INFINEON-IPZA60R037P7 Datasheet
1Mb / 14P
   600V CoolMOS??P7 Power Transistor
Rev.2.0,2017-11-24
IPZA60R080P7 INFINEON-IPZA60R080P7 Datasheet
1Mb / 14P
   600V CoolMOS??P7 Power Transistor
Rev.2.0,2017-11-24
IPZA60R180P7 INFINEON-IPZA60R180P7 Datasheet
1Mb / 14P
   600V CoolMOS??P7 Power Transistor
Rev.2.0,2017-11-27
IPZA60R120P7 INFINEON-IPZA60R120P7 Datasheet
1Mb / 14P
   600V CoolMOS??P7 Power Transistor
Rev.2.0,2017-11-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com