Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPL60R385CP Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IPL60R385CP
Description  600V CoolMOS CP Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPL60R385CP Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IPL60R385CP Datasheet HTML 5Page - Infineon Technologies AG IPL60R385CP Datasheet HTML 6Page - Infineon Technologies AG IPL60R385CP Datasheet HTML 7Page - Infineon Technologies AG IPL60R385CP Datasheet HTML 8Page - Infineon Technologies AG IPL60R385CP Datasheet HTML 9Page - Infineon Technologies AG IPL60R385CP Datasheet HTML 10Page - Infineon Technologies AG IPL60R385CP Datasheet HTML 11Page - Infineon Technologies AG IPL60R385CP Datasheet HTML 12Page - Infineon Technologies AG IPL60R385CP Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
600V CoolMOS™ CP Power Transistor
IPL60R385CP
Test circuits
Final Data Sheet
11
Rev. 2.0, 2010-10-01
6
Test circuits
Table 16
Switching times test circuit and waveform for inductive load
Switching times test circuit for inductive load
Switching time waveform
Table 17
Unclamped inductive load test circuit and waveform
Unclamped inductive load test circuit
Unclamped inductive waveform
Table 18
Test circuit and waveform for diode characteristics
Test circuit for diode characteristics
Diode recovery waveform
VDS
VGS
VDS
VGS
td(on)
td(off)
tr
ton
tf
toff
10%
90%
VDS
ID
VDS
VD
V(BR)DS
ID
VDS
VDS
ID
RG1
RG2
RG1 = RG2
Ι
F
dit
/d
trr
10%
90%
Ι
RRM
RRM
Ι
t
RRM
Ι
v
SIL00088
Q
F
v
i
F
Q
S
RRM
V
S
tt
F
/d
i
d
rr
t
rr
tt
S
t
F
=+
=
rr
QQ
SF
+
Q


Similar Part No. - IPL60R385CP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL60R385CP INFINEON-IPL60R385CP Datasheet
1Mb / 13P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.1, 2012-01-10
IPL60R385CP INFINEON-IPL60R385CP_12 Datasheet
1Mb / 13P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.1, 2012-01-10
More results

Similar Description - IPL60R385CP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD60R385CP INFINEON-IPD60R385CP_15 Datasheet
595Kb / 11P
   600V CoolMOS??CP Power Transistor
2015-02-02 revision:2.4
IPL60R199CP INFINEON-IPL60R199CP Datasheet
1Mb / 13P
   600V CoolMOS CP Power Transistor
Rev. 2.0, 2010-10-01
IPL60R299CP INFINEON-IPL60R299CP Datasheet
1Mb / 13P
   600V CoolMOS CP Power Transistor
Rev. 2.0, 2010-10-01
IPD40R385CP INFINEON-IPD40R385CP_V01 Datasheet
380Kb / 11P
   600V CoolMOS™ CP Power Transistor
Rev. 2.6
IPD60R3K3C6 INFINEON-IPD60R3K3C6 Datasheet
1Mb / 14P
   600V CoolMOS C6 Power Transistor
2010-07-21 revision:2.0
IPDD60R190G7 INFINEON-IPDD60R190G7 Datasheet
1Mb / 14P
   600V CoolMOS??G7 Power Transistor
Rev.2.0,2018-01-05
IPZA60R037P7 INFINEON-IPZA60R037P7 Datasheet
1Mb / 14P
   600V CoolMOS??P7 Power Transistor
Rev.2.0,2017-11-24
IPZA60R080P7 INFINEON-IPZA60R080P7 Datasheet
1Mb / 14P
   600V CoolMOS??P7 Power Transistor
Rev.2.0,2017-11-24
IPZA60R180P7 INFINEON-IPZA60R180P7 Datasheet
1Mb / 14P
   600V CoolMOS??P7 Power Transistor
Rev.2.0,2017-11-27
IPZA60R120P7 INFINEON-IPZA60R120P7 Datasheet
1Mb / 14P
   600V CoolMOS??P7 Power Transistor
Rev.2.0,2017-11-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com