Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD85P04P4-07 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPD85P04P4-07
Description  OptiMOS-P2 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD85P04P4-07 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPD85P04P4-07 Datasheet HTML 1Page - Infineon Technologies AG IPD85P04P4-07 Datasheet HTML 2Page - Infineon Technologies AG IPD85P04P4-07 Datasheet HTML 3Page - Infineon Technologies AG IPD85P04P4-07 Datasheet HTML 4Page - Infineon Technologies AG IPD85P04P4-07 Datasheet HTML 5Page - Infineon Technologies AG IPD85P04P4-07 Datasheet HTML 6Page - Infineon Technologies AG IPD85P04P4-07 Datasheet HTML 7Page - Infineon Technologies AG IPD85P04P4-07 Datasheet HTML 8Page - Infineon Technologies AG IPD85P04P4-07 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IPD85P04P4-07
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Dynamic characteristics
1)
Input capacitance
C iss
-
4681
6085
pF
Output capacitance
C oss
-
1520
2280
Reverse transfer capacitance
Crss
-
45
91
Turn-on delay time
t d(on)
-
24
-
ns
Rise time
t r
-
15
-
Turn-off delay time
t d(off)
-
34
-
Fall time
t f
-
39
-
Gate Charge Characteristics
1)
Gate to source charge
Q gs
-
26
34
nC
Gate to drain charge
Q gd
-
13
26
Gate charge total
Q g
-
69
89
Gate plateau voltage
V plateau
-
-5.5
-
V
Reverse Diode
Diode continous forward current
1)
I S
-
-
-85
A
Diode pulse current
1)
I S,pulse
-
-
-340
Diode forward voltage
V SD
V GS=0V, I F=-85A,
T j=25°C
-
-1
-1.3
V
Reverse recovery time
1)
t rr
-
48
-
ns
Reverse recovery charge
1)
Q rr
-
54
-
nC
V R=-20V, I F=-50A,
di F/dt =-100A/µs
2) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
1) Defined by design. Not subject to production test.
T C=25°C
Values
V GS=0V, V DS=-25V,
f =1MHz
V DD=-20V,
V GS=-10V, I D=-85A,
R G=3.5W
V DD=-32V, I D=-85A,
V GS=0 to -10V
Rev. 1.0
page 3
2011-04-18


Similar Part No. - IPD85P04P4-07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD85P04P4L-06 INFINEON-IPD85P04P4L-06 Datasheet
156Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-04-18
logo
TECH PUBLIC Electronics...
IPD85P04P4L-06 TECHPUBLIC-IPD85P04P4L-06 Datasheet
3Mb / 5P
   P-Channel Enhancement Mode MOSFET
More results

Similar Description - IPD85P04P4-07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB180P04P4-03 INFINEON-IPB180P04P4-03 Datasheet
165Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-04-27
IPD90P03P4-04 INFINEON-IPD90P03P4-04 Datasheet
170Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-30
IPD90P03P4L-04 INFINEON-IPD90P03P4L-04 Datasheet
170Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-30
IPD80P03P4L-07 INFINEON-IPD80P03P4L-07 Datasheet
170Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-30
IPB70P04P4-09 INFINEON-IPB70P04P4-09 Datasheet
224Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.3 2011-02-14
IPB80P04P4L-04 INFINEON-IPB80P04P4L-04 Datasheet
316Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-02-10
IPB45P03P4L-11 INFINEON-IPB45P03P4L-11 Datasheet
174Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-29
IPD50P03P4L-11 INFINEON-IPD50P03P4L-11 Datasheet
165Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.1 2009-07-29
IPD70P04P4L-08 INFINEON-IPD70P04P4L-08 Datasheet
156Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-03-14
IPD85P04P4L-06 INFINEON-IPD85P04P4L-06 Datasheet
156Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-04-18
IPB80P03P4L-04 INFINEON-IPB80P03P4L-04 Datasheet
174Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-29
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com