Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD60R2K0C6 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPD60R2K0C6
Description  600V CoolMOS C6 Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD60R2K0C6 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPD60R2K0C6 Datasheet HTML 1Page - Infineon Technologies AG IPD60R2K0C6 Datasheet HTML 2Page - Infineon Technologies AG IPD60R2K0C6 Datasheet HTML 3Page - Infineon Technologies AG IPD60R2K0C6 Datasheet HTML 4Page - Infineon Technologies AG IPD60R2K0C6 Datasheet HTML 5Page - Infineon Technologies AG IPD60R2K0C6 Datasheet HTML 6Page - Infineon Technologies AG IPD60R2K0C6 Datasheet HTML 7Page - Infineon Technologies AG IPD60R2K0C6 Datasheet HTML 8Page - Infineon Technologies AG IPD60R2K0C6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
 +  < < 9
# % ( F   & < C2>)>.;?6?@< >
<B6-'C)='5-
)./9
2 < 3 < ;@2;@?
$ @E8C "8K8 0 ?<<K

/ <M         
(
6N[LZRY\RXW 
)./9
2 < 3 < ;@2;@? 
# .D6: A: ' .@6;4? 

)52>: .905.>.0@2>6?@60? 

 9
20@>60.905.>.0@2>6?@60? 

 9
20@>60.905.>.0@2>6?@60?1 6.4>.: ? 

)2?@06>0A6@?  

& .08.42 < A@9
6;2?  

' 2B6?6< ;  6?@< >E  
)./9
2 < 3 < ;@2;@?


Similar Part No. - IPD60R2K0C6

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD60R2K0C6 ISC-IPD60R2K0C6 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPD60R2K0C6 INFINEON-IPD60R2K0C6 Datasheet
2Mb / 23P
   Phase Cut Dimmable Non-isolated Buck Converter for LED Retrofit Bulb with
Revision 1.1, 2012 -08 -03
IPD60R2K0C6 INFINEON-IPD60R2K0C6_15 Datasheet
944Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.1, 2015-11-12
More results

Similar Description - IPD60R2K0C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R041C6 INFINEON-IPW60R041C6 Datasheet
868Kb / 13P
   600V CoolMOS C6 Power Transistor
2010-07-12 revision:2.1
IPX60R950C6 INFINEON-IPX60R950C6 Datasheet
1Mb / 18P
   600V CoolMOS??C6 Power Transistor
Rev. 2.5 2020-05-20
IPD60R3K3C6 INFINEON-IPD60R3K3C6 Datasheet
1Mb / 14P
   600V CoolMOS C6 Power Transistor
2010-07-21 revision:2.0
IPA60R950C6 INFINEON-IPA60R950C6_14 Datasheet
1Mb / 18P
   600V CoolMOS??C6 Power Transistor
Rev. 2.2, 2014-12-10
IPD60R1K4C6 INFINEON-IPD60R1K4C6 Datasheet
1Mb / 14P
   600V CoolMOS C6 Power Transistor
2010-07-19 revision:2.0
6R190C6 INFINEON-6R190C6 Datasheet
1Mb / 19P
   600V CoolMOS C6 Power Transistor
Rev. 2.3 2018-02-26
LPD60R2K0C6 INFINEON-LPD60R2K0C6 Datasheet
790Kb / 14P
   600V CoolMOS??C6 Power Transistor
Rev. 2.2, 2020-05-20
IPL60R2K1C6S INFINEON-IPL60R2K1C6S Datasheet
1Mb / 14P
   600V CoolMOS™ C6 Power Transistor
Rev. 2.0, 2014-07-08
IPL60R1K5C6S INFINEON-IPL60R1K5C6S Datasheet
1Mb / 14P
   600V CoolMOS™ C6 Power Transistor
Rev. 2.0, 2014-07-08
IPD60R1K4C6BTMA1 INFINEON-IPD60R1K4C6BTMA1 Datasheet
1Mb / 14P
   600V CoolMOS C6 Power Transistor IPD60R1K4C6
2010-07-19 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com