Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB320N20N3G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPB320N20N3G
Description  OptiMOS3 Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB320N20N3G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPB320N20N3G Datasheet HTML 2Page - Infineon Technologies AG IPB320N20N3G Datasheet HTML 3Page - Infineon Technologies AG IPB320N20N3G Datasheet HTML 4Page - Infineon Technologies AG IPB320N20N3G Datasheet HTML 5Page - Infineon Technologies AG IPB320N20N3G Datasheet HTML 6Page - Infineon Technologies AG IPB320N20N3G Datasheet HTML 7Page - Infineon Technologies AG IPB320N20N3G Datasheet HTML 8Page - Infineon Technologies AG IPB320N20N3G Datasheet HTML 9Page - Infineon Technologies AG IPB320N20N3G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
$   " "  
$ $  " "  
$  " "  
  =-5: >;@=/1 ;: >?-?1 =1 >5>?-: /1
'D< 3-?1 ?4=1 >4;8
0 A;8
?-31
' 9H"[Z#4R"( V $ 9     ) =H .
) =H"`T#4R"( V ) =H4) 9H
@1B
1=5D
5B
 $ 9
'D< /-<-/5?-: /1 >
 ;=B -=0 /4-=-/?1 =5>?5/> ;2=1 A1 =>1 05;01
! 4R") 9H ) =H .  + & " J
$ <4R") H9#
@1B
1=5D
5B
 ( V
`e\
10!
'
)'
+'
-'
/'
(''
$-'
$)'
)'
-'
(''
(+'
(/'
& R +F
 ,
 V 
 V 
'
'%,
(
(%,
)
)%,
*
*%,
+
$-'
$)'
)'
-'
(''
(+'
(/'
& R +F
 ,
8U__
8[__
8^__
('
(
('
)
('
*
('
+
'
+'
/'
()'
(-'
' 5B +) ,
  T
  T
  T    
  T    
('
*
('
)
('
(
('
'
'
'%,
(
(%,
)
' B5 +),
+ 5F  
@175 
 


Similar Part No. - IPB320N20N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB320N20N3G INFINEON-IPB320N20N3G Datasheet
426Kb / 11P
   OptiMOSTM3 Power-Transistor Features N-channel, normal level
Rev. 2.2 2009-10-22
IPB320N20N3G INFINEON-IPB320N20N3G Datasheet
425Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.3 2011-05-20
logo
Inchange Semiconductor ...
IPB320N20N3G ISC-IPB320N20N3G Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IPB320N20N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB022N04LG INFINEON-IPB022N04LG Datasheet
686Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.2 2009-12-11
BSC077N12NS3G INFINEON-BSC077N12NS3G Datasheet
442Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-21
IPB020N04NG INFINEON-IPB020N04NG Datasheet
522Kb / 9P
   OptiMOS3 Power-Transistor
2010-05-19 revision:1.3
BSC110N06NS3G INFINEON-BSC110N06NS3G Datasheet
329Kb / 9P
   OptiMOS3 Power-Transistor
Rev.2.3 2009-10-29
BSC600N25NS3G INFINEON-BSC600N25NS3G Datasheet
310Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.3 2009-10-23
IPB034N06L3G INFINEON-IPB034N06L3G Datasheet
1,002Kb / 11P
   OptiMOS3 Power-Transistor
2009-12-16 revision:2.7
IPD135N08N3G INFINEON-IPD135N08N3G Datasheet
445Kb / 9P
   OptiMOS3 Power-Transistor
2008-06-24 revision:2.1
IPP055N03LG INFINEON-IPP055N03LG_09 Datasheet
735Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.03 2009-09-22
IPP057N08N3G INFINEON-IPP057N08N3G_10 Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-14 revision:1.2
IPP070N08N3G INFINEON-IPP070N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-18 revision:2.3
IPP139N08N3G INFINEON-IPP139N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-22 revision:2.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com