Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPI65R310CFD Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPI65R310CFD
Description  650V CoolMOS C6 CFD Power Transistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI65R310CFD Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPI65R310CFD Datasheet HTML 1Page - Infineon Technologies AG IPI65R310CFD Datasheet HTML 2Page - Infineon Technologies AG IPI65R310CFD Datasheet HTML 3Page - Infineon Technologies AG IPI65R310CFD Datasheet HTML 4Page - Infineon Technologies AG IPI65R310CFD Datasheet HTML 5Page - Infineon Technologies AG IPI65R310CFD Datasheet HTML 6Page - Infineon Technologies AG IPI65R310CFD Datasheet HTML 7Page - Infineon Technologies AG IPI65R310CFD Datasheet HTML 8Page - Infineon Technologies AG IPI65R310CFD Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
(
! +
"#$
, ! - "#$
, !
"#$
! . "#$
, ! ! "#$
/(01
2 .3
/((
/((
!2 .3
&
4
%
54
% 5% &
5 6
,
5
5
%
6 7
8 9: 6
6
6
;4 !
%
5
'
;
%
6
%
5 9
66
% % 5%
&
' %
5
&
6 &
;
% 5 9
%
5
4
;
;
4
' %
;
4
% 5,
5 %
% % 5%
;
*
6
4
% 5 66
; ,
, 5%
< =
/
;
4
<
4 % 5%
55
<
4
& 4
"
>?5
<
4
&
< ?
5
66
5
9
89/
(
9
((:
< ;/
6
5, @
5
6
6
4
;
% 5 +
5
'5'
& ; , A
, A 5% 5,
&
!"#
$
%& '
(
)
*
+, -.
/
0
. 1
)
2
3&11
) $
45
6&7- 7 &7 7 87
9
2841
+
)$
4/
9$
1
0
$
2
-. 8 : 7
, /&7
-. 8 : 7
, /&7
-. 8 : 7
, /&7
-. 8 : 7
, /&7
;< ,
;< ,
;< ,
;< ,
=
< ,
=
< ,
=
< ,
=
< ,
7 > <1
7 > <1
7 > <1
7 > <1
0 ? $ )
/
@
:
A
0 6 $ )
/
@
:
)
0
$ )
/
@
:
0 2 $ )
/
@
:
2B
0 0 $ )
/
@
:
$
)
1
2..
7 ( 2


Similar Part No. - IPI65R310CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI65R310CFD INFINEON-IPI65R310CFD Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
logo
Inchange Semiconductor ...
IPI65R310CFD ISC-IPI65R310CFD Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPI65R310CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA65R190CFDXKSA1 INFINEON-IPA65R190CFDXKSA1 Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD POWER Transistor
2011-05-05 revision:2.2
IPA65R420CFD INFINEON-IPA65R420CFD Datasheet
7Mb / 21P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPX65R310CFD INFINEON-IPX65R310CFD Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPI65R660CFD INFINEON-IPI65R660CFD Datasheet
3Mb / 20P
   650V CoolMOS CFD Power Transistor
Rev. 2.0, 2011-02-01
IPW65R080CFD INFINEON-IPW65R080CFD Datasheet
1Mb / 12P
   650V CoolMOS CFD Power Transistor
Rev. 2.0, 2011-02-02
IPB65R280C6 INFINEON-IPB65R280C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-07-26 revision:2.0
IPB65R380C6 INFINEON-IPB65R380C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-10-22 revision:2.0
IPA65R600C6 INFINEON-IPA65R600C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-08-19 revision:2.0
IPW65R070C6 INFINEON-IPW65R070C6 Datasheet
1Mb / 12P
   650V CoolMOS C6 Power Transistor
Rev. 2.0, 2011-03-15
IPI65R190C6 INFINEON-IPI65R190C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
Rev. 2.0, 2011-05-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com