Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB70N10S3-12 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPB70N10S3-12
Description  OptiMOS-T Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB70N10S3-12 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPB70N10S3-12 Datasheet HTML 1Page - Infineon Technologies AG IPB70N10S3-12 Datasheet HTML 2Page - Infineon Technologies AG IPB70N10S3-12 Datasheet HTML 3Page - Infineon Technologies AG IPB70N10S3-12 Datasheet HTML 4Page - Infineon Technologies AG IPB70N10S3-12 Datasheet HTML 5Page - Infineon Technologies AG IPB70N10S3-12 Datasheet HTML 6Page - Infineon Technologies AG IPB70N10S3-12 Datasheet HTML 7Page - Infineon Technologies AG IPB70N10S3-12 Datasheet HTML 8Page - Infineon Technologies AG IPB70N10S3-12 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IPB70N10S3-12
IPI70N10S3-12, IPP70N10S3-12
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Dynamic characteristics
1)
Input capacitance
C iss
-
3350
4355
pF
Output capacitance
C oss
-
940
1222
Reverse transfer capacitance
Crss
-
105
158
Turn-on delay time
t d(on)
-17
-
ns
Rise time
t r
-8
-
Turn-off delay time
t d(off)
-25
-
Fall time
t f
-8
-
Gate Charge Characteristics
1)
Gate to source charge
Q gs
-17
23
nC
Gate to drain charge
Q gd
-12
19
Gate charge total
Q g
-51
66
Gate plateau voltage
V plateau
-
5.5
-
V
Reverse Diode
Diode continous forward current
1)
I S
-
-
70
A
Diode pulse current
1)
I S,pulse
-
-
280
Diode forward voltage
V SD
V GS=0 V, I F=70 A,
T j=25 °C
0.6
1
1.2
V
Reverse recovery time
1)
t rr
V R=50V, I F=I S,
di F/dt =100A/µs
-
100
-
ns
Reverse recovery charge
1)
Q rr
-
265
-
nC
1) Defined by design. Not subject to production test.
2) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
T C=25°C
Values
V GS=0V, V DS=25V,
f =1MHz
V DD=20 V, V GS=10 V,
I D=70 A, R G=3.5 Ω
V DD=80 V, I D=70 A,
V GS=0 to 10 V
Rev. 1.0
page 3
2008-02-12


Similar Part No. - IPB70N10S3-12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB70N10S3L-12 INFINEON-IPB70N10S3L-12 Datasheet
192Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-04-21
IPB70N10S3L-12 INFINEON-IPB70N10S3L-12 Datasheet
166Kb / 9P
   OptiMOS -T Power-Transistor
Rev. 1.2 2012-05-10
More results

Similar Description - IPB70N10S3-12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPG15N06S3L-45 INFINEON-IPG15N06S3L-45 Datasheet
169Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-09-23
IPD30N06S3L-20 INFINEON-IPD30N06S3L-20 Datasheet
185Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.1 2007-11-07
IPG20N06S3L-23 INFINEON-IPG20N06S3L-23 Datasheet
168Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-09-23
IPB70N10S3L-12 INFINEON-IPB70N10S3L-12 Datasheet
192Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-04-21
IPB35N10S3L-26 INFINEON-IPB35N10S3L-26_12 Datasheet
177Kb / 9P
   OptiMOS??T Power-Transistor
Rev. 1.1 2011-05-17
IPB70N04S3-07 INFINEON-IPB70N04S3-07 Datasheet
191Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPD90N04S3-04 INFINEON-IPD90N04S3-04 Datasheet
190Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPD70N04S3-07 INFINEON-IPD70N04S3-07 Datasheet
188Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPD30N06S3-24 INFINEON-IPD30N06S3-24 Datasheet
189Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.1 2007-11-07
IPD50N06S3L-06 INFINEON-IPD50N06S3L-06 Datasheet
163Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.2 2009-05-20
IPD50N06S3L-13 INFINEON-IPD50N06S3L-13 Datasheet
162Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.2 2009-05-20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com