Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

513AL-01 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 513AL-01
Description  Electronic versions are uncontrolled except when accessed directly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

513AL-01 Datasheet(HTML) 1 Page - ON Semiconductor

  513AL-01 Datasheet HTML 1Page - ON Semiconductor 513AL-01 Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Semiconductor Components Industries, LLC, 2002
October, 2002 − Rev. 01O
1
Case Outline Number:
485M
TLLGA140 10x10, 0.5P, Dual−Row, Staggered−Pad
CASE 513AL−01
ISSUE O
DATE 20 OCT 2009
C
0.15
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS
3. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
D
E
B
C
0.08
A1
A
D2
L
C
0.15
2X
2X
SEATING
C
0.10
C
E2
140X
e
B1
B17
A20
A39
B33
B49
A58
b
140X
A
0.10
B
C
0.05 C
DIM
MIN
MAX
MILLIMETERS
A
0.50
0.60
A1
---
0.05
b
0.25
0.35
D
10.00 BSC
D2
5.70
5.90
E
10.00 BSC
E2
5.70
5.90
e
0.50 BSC
XXXXX = Device Code
A
= Assembly Site
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
XXXXXXXXX
XXXXXXXXX
AWLYYWWG
L
0.25
0.35
SCALE 1:1
GENERIC MARKING
DIAGRAM
PIN ONE
LOCATION
PLANE
NOTE 3
TOP VIEW
SIDE VIEW
BOTTOM VIEW
DETAIL A
140X
L
A39
B33
140X
b
e
e
e/2
DIMENSION: MILLIMETERS
10.10
0.50
PITCH
40X
0.48
100X
0.35
40X
0.48
0.25
100X
0.35
10.10 5.95
5.95
A1
0.50
PITCH
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
RECOMMENDED
A1
A76
B64
A
0.15
B
C
A
0.15
B
C
e/2
DETAIL A
MECHANICAL CASE OUTLINE
PACKAGE DIMENSIONS
http://onsemi.com
1
© Semiconductor Components Industries, LLC, 2002
October, 2002 − Rev. 0
Case Outline Number:
XXX
DOCUMENT NUMBER:
STATUS:
NEW STANDARD:
DESCRIPTION:
98AON42332E
ON SEMICONDUCTOR STANDARD
TLLGA140, 10X10, 0.5P
Electronic versions are uncontrolled except when
accessed directly from the Document Repository. Printed
versions are uncontrolled except when stamped
“CONTROLLED COPY” in red.
PAGE 1 OF 2


Similar Part No. - 513AL-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
513 PEREGRINE-513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
List of Unclassifed Man...
513 ETC2-513 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
Aries Electronics, Inc.
513 ARIES-513 Datasheet
651Kb / 1P
   Available with Solder Pin Tails
logo
Vitesse Semiconductor C...
513-060-0049J VITESSE-513-060-0049J Datasheet
50Kb / 1P
   SMB RIGHT ANGLE P.C MOUNT
logo
List of Unclassifed Man...
513-14X ETC2-513-14X Datasheet
73Kb / 2P
   LED Replacement for SloanLED
More results

Similar Description - 513AL-01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
948AL-01 ONSEMI-948AL-01 Datasheet
59Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
December, 2008 ??Rev. 01O
751-07 ONSEMI-751-07 Datasheet
66Kb / 3P
   Electronic versions are uncontrolled except when accessed directly
February, 2011 ??Rev.07AK
848AB-01 ONSEMI-848AB-01 Datasheet
46Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
December, 2007 - Rev. 01C
751BD-01 ONSEMI-751BD-01 Datasheet
59Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
December, 2008 ??Rev. 01O
646AA-01 ONSEMI-646AA-01 Datasheet
60Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
March, 2009 ??Rev. 01A
510AP-01 ONSEMI-510AP-01 Datasheet
62Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
February, 2010 ??Rev. 01O
488AA-01 ONSEMI-488AA-01 Datasheet
63Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
August, 2010 ??Rev. 01E
751BE-01 ONSEMI-751BE-01 Datasheet
60Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
December, 2008 ??Rev. 01O
523AE-01 ONSEMI-523AE-01 Datasheet
69Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
June, 2007 ??Rev. 01A
369D-01 ONSEMI-369D-01 Datasheet
55Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
December, 2010 ??Rev. 01C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com