Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPI65R420CFD Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPI65R420CFD
Description  650V CoolMOS C6 CFD Power Transistor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI65R420CFD Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPI65R420CFD Datasheet HTML 3Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 4Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 5Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 6Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 7Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 8Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 9Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 10Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
/
! *
"#$
+ ! , "#$
+ !
"#$
! - "#$
+ !
"#$
+ ! ! "#$
4
5 6
&
!
!
!
"
#
$
%
&9 E& I 9 &
+
;
S G
0o G $ 3
G $H/
1
=&
,
mm
;
1
R G
0o G $ 3
9 o:9 G
3:61
1
=&
, =
+
*mm
.
6/
>
1
=&
, =
0mm!
3


Similar Part No. - IPI65R420CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI65R420CFD INFINEON-IPI65R420CFD Datasheet
4Mb / 21P
   Metal Oxide Semiconductor Field Effect Transistor
2013-07-31 revision:2.5
logo
Inchange Semiconductor ...
IPI65R420CFD ISC-IPI65R420CFD Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPI65R420CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB65R310CFD INFINEON-IPB65R310CFD Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPA65R190CFDXKSA1 INFINEON-IPA65R190CFDXKSA1 Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD POWER Transistor
2011-05-05 revision:2.2
IPX65R310CFD INFINEON-IPX65R310CFD Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPI65R660CFD INFINEON-IPI65R660CFD Datasheet
3Mb / 20P
   650V CoolMOS CFD Power Transistor
Rev. 2.0, 2011-02-01
IPW65R080CFD INFINEON-IPW65R080CFD Datasheet
1Mb / 12P
   650V CoolMOS CFD Power Transistor
Rev. 2.0, 2011-02-02
IPB65R280C6 INFINEON-IPB65R280C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-07-26 revision:2.0
IPB65R380C6 INFINEON-IPB65R380C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-10-22 revision:2.0
IPA65R600C6 INFINEON-IPA65R600C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-08-19 revision:2.0
IPW65R070C6 INFINEON-IPW65R070C6 Datasheet
1Mb / 12P
   650V CoolMOS C6 Power Transistor
Rev. 2.0, 2011-03-15
IPI65R190C6 INFINEON-IPI65R190C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
Rev. 2.0, 2011-05-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com