Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA785 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # TCA785
Description  Phase Control IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TCA785 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  TCA785 Datasheet HTML 1Page - Siemens Semiconductor Group TCA785 Datasheet HTML 2Page - Siemens Semiconductor Group TCA785 Datasheet HTML 3Page - Siemens Semiconductor Group TCA785 Datasheet HTML 4Page - Siemens Semiconductor Group TCA785 Datasheet HTML 5Page - Siemens Semiconductor Group TCA785 Datasheet HTML 6Page - Siemens Semiconductor Group TCA785 Datasheet HTML 7Page - Siemens Semiconductor Group TCA785 Datasheet HTML 8Page - Siemens Semiconductor Group TCA785 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Semiconductor Group
4
TCA 785
Unit
Parameter
Symbol
min.
max.
Limit Values
Absolute Maximum Ratings
V
Supply voltage
VS
– 0.5
18
mA
Output current at pin 14, 15
IQ
– 10
400
K/W
Thermal resistance
system - air
Rth SA
80
V
V
V
Inhibit voltage
Control voltage
Voltage short-pulse circuit
V6
V11
V13
– 0.5
– 0.5
– 0.5
VS
VS
VS
µA
Synchronization input current
V5
– 200
± 200
V
Output voltage at pin 14, 15
VQ
VS
mA
Output current at pin 2, 3, 4, 7
IQ
10
V
Output voltage at pin 2, 3, 4, 7
VQ
VS
˚C
˚C
Junction temperature
Storage temperature
Tj
Tstg
– 55
150
125
Operating Range
V
Supply voltage
VS
818
Hz
Operating frequency
f
10
500
˚C
Ambient temperature
TA
– 25
85
Characteristics
8
VS 18 V; – 25 ˚C TA 85 ˚C; f = 50 Hz
Unit
Parameter
Symbol
min.
max.
Limit Values
Test
Circuit
typ.
mA
Supply current consumption
S1 … S6 open
V11 = 0 V
C 10 = 47 nF; R 9 = 100 k
IS
4.5
1
6.5
10
µA
mV
Synchronization pin 5
Input current
R 2 varied
Offset voltage
I5 rms
V5
30
1
4
30
200
75
V
k
Control input pin 11
Control voltage range
Input resistance
V11
R11
0.2
1
5
15
V10 peak


Similar Part No. - TCA785

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785 Datasheet
454Kb / 16P
   Phase Control IC
logo
Infineon Technologies A...
TCA785 INFINEON-TCA785 Datasheet
454Kb / 16P
   Phase Control IC
09.94
More results

Similar Description - TCA785

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785 Datasheet
454Kb / 16P
   Phase Control IC
logo
Infineon Technologies A...
TCA785 INFINEON-TCA785 Datasheet
454Kb / 16P
   Phase Control IC
09.94
logo
RS Components Ltd.
TDA2086A RS-TDA2086A Datasheet
308Kb / 14P
   Phase control IC TDA2086A
1997
logo
Sanyo Semicon Device
LA5663V SANYO-LA5663V Datasheet
688Kb / 15P
   Monolithic Linear IC Phase Control Voltage Inverter Control IC
logo
Hitachi Semiconductor
HA13532NT HITACHI-HA13532NT Datasheet
68Kb / 16P
   Three-Phase Stepping Motor Control IC
logo
ATMEL Corporation
U209B ATMEL-U209B_07 Datasheet
449Kb / 19P
   Phase Control IC for Tacho Applications
logo
List of Unclassifed Man...
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
logo
Renesas Technology Corp
HA16163T RENESAS-HA16163T Datasheet
294Kb / 30P
   Synchronous Phase Shift Full-Bridge Control IC
HA16163T RENESAS-HA16163T_15 Datasheet
353Kb / 32P
   Synchronous Phase Shift Full-Bridge Control IC
R2A20121SP RENESAS-R2A20121SP Datasheet
291Kb / 28P
   Synchronous Phase Shift Full-Bridge Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com