Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA355G Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # TCA355G
Description  Proximity Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TCA355G Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  TCA355G Datasheet HTML 1Page - Siemens Semiconductor Group TCA355G Datasheet HTML 2Page - Siemens Semiconductor Group TCA355G Datasheet HTML 3Page - Siemens Semiconductor Group TCA355G Datasheet HTML 4Page - Siemens Semiconductor Group TCA355G Datasheet HTML 5Page - Siemens Semiconductor Group TCA355G Datasheet HTML 6Page - Siemens Semiconductor Group TCA355G Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Semiconductor Group
7
TCA 305
TCA 355
L0, C0
Resonant circuit
RHy
Hysteresis adjustment
RDi
Distance adjustment
D
Temperature compensation of the resonant circuit; possibly with series
resistance for the purpose of adjustment. The diode is not absolutely necessary.
Whether it is used or not depends on the temperature coefficient of the resonant
circuit.
RI; CI
Integration element. At pin 3 (integrating capacitance) we recommend a
capacitor of typ. 1 nF. To increase noise immunity this capacitor can be
substituted by an RC circuit with, e.g., RI = 1 M
and CI = 10 nF.
CD
Delay capacitor
Dimensioning Examples in Accordance with CENELEC Standard (flush)
M 12
M 18
M 30
Ferrite pot core
Number of turns
Cross section of wire
L0
C0 (STYROFLEX®)
fOSC
Sn
RA (Metal)
CD
M 33 (7.35
× 3.6) mm
100
0.1 CuL
206
µH
1000 pF
appr. 350 kHz
4 mm
8.2 k
+ 330
100 nF
N 22 (14.4
× 7.5) mm
80
20
× 0.05
268
µH
1.2 nF
appr. 280 kHz
8 mm
33 k
100 nF
N 22 (25
× 8.9) mm
100
10
× 0.1
585
µH
3.3 nF
appr. 115 kHz
15 mm
22 k
+ 2.7 k
100 nF


Similar Part No. - TCA355G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA355G SIEMENS-TCA355G Datasheet
112Kb / 7P
   Proximity Switch
More results

Similar Description - TCA355G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA305 SIEMENS-TCA305 Datasheet
112Kb / 7P
   Proximity Switch
logo
Festo Corporation.
8117066 FESTO-8117066 Datasheet
74Kb / 1P
   Proximity switch
logo
Siemens Semiconductor G...
TCA205 SIEMENS-TCA205 Datasheet
176Kb / 6P
   Proximity Switch
logo
Festo Corporation.
8117065 FESTO-8117065 Datasheet
74Kb / 1P
   Proximity switch
8150171 FESTO-8150171 Datasheet
85Kb / 2P
   Proximity switch
7/11/22
8152201 FESTO-8152201 Datasheet
95Kb / 2P
   Proximity switch
1/21/22
8150174 FESTO-8150174 Datasheet
87Kb / 2P
   Proximity switch
7/11/22
8138000 FESTO-8138000 Datasheet
85Kb / 2P
   Proximity switch
8117063 FESTO-8117063 Datasheet
74Kb / 1P
   Proximity switch
8150173 FESTO-8150173 Datasheet
82Kb / 2P
   Proximity switch
7/11/22
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com