Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVTFS4823NTAG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVTFS4823NTAG
Description  Power MOSFET 30 V, 10.5 m, 30 A, Single N?묬hannel
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVTFS4823NTAG Datasheet(HTML) 3 Page - ON Semiconductor

  NVTFS4823NTAG Datasheet HTML 1Page - ON Semiconductor NVTFS4823NTAG Datasheet HTML 2Page - ON Semiconductor NVTFS4823NTAG Datasheet HTML 3Page - ON Semiconductor NVTFS4823NTAG Datasheet HTML 4Page - ON Semiconductor NVTFS4823NTAG Datasheet HTML 5Page - ON Semiconductor NVTFS4823NTAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NVTFS4823N
http://onsemi.com
3
TYPICAL CHARACTERISTICS
0
10
20
30
40
50
60
01
234
5
Figure 1. On−Region Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
10 V
TJ = 25°C
VGS = 4.5 V
3.8 V
3.5 V
3.2 V
2.9 V
4.1 V
0
10
20
30
40
50
60
12
34
5
Figure 2. Transfer Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (V)
VDS ≥ 10 V
TJ = 25°C
TJ = 125°C
TJ = −55°C
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (A)
VGS = 4.5 V
VGS = 10 V
TJ = 25°C
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
ID = 15 A
VGS = 10 V
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
5.5 V
0.006
0.007
0.008
0.009
0.010
0.011
0.012
0.013
0.014
0.015
0.016
0.017
0.018
0.019
0.020
34
56789
10
ID = 15 A
TJ = 25°C
0
0.005
0.010
0.015
0.020
0.025
5
101520
253035
4045
505560
0.6
0.8
1.0
1.2
1.4
1.6
1.8
50
25
0
25
50
75
100
125
150
175
10
100
1000
10000
5
1015
2025
30
TJ = 125°C
TJ = 150°C
VGS = 0 V


Similar Part No. - NVTFS4823NTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTFS4823NTAG ONSEMI-NVTFS4823NTAG Datasheet
121Kb / 6P
   Power MOSFET
May, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com