Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4682DSQ33T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP4682DSQ33T1G
Description  150 mA, Ultra Low Supply Current, Low Dropout Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4682DSQ33T1G Datasheet(HTML) 6 Page - ON Semiconductor

  NCP4682DSQ33T1G Datasheet HTML 1Page - ON Semiconductor NCP4682DSQ33T1G Datasheet HTML 2Page - ON Semiconductor NCP4682DSQ33T1G Datasheet HTML 3Page - ON Semiconductor NCP4682DSQ33T1G Datasheet HTML 4Page - ON Semiconductor NCP4682DSQ33T1G Datasheet HTML 5Page - ON Semiconductor NCP4682DSQ33T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NVTFS5820NL
http://onsemi.com
6
PACKAGE DIMENSIONS
WDFN8 3.3x3.3, 0.65P
CASE 511AB−01
ISSUE B
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.65
0.42
0.75
2.30
3.46
PACKAGE
8X
PITCH
3.60
0.57
0.47
OUTLINE
DIMENSION: MILLIMETERS
2.37
0.66
4X
M
1.40
1.50
q
0
−−−
_
1.60
12
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION D1 AND E1 DO NOT INCLUDE MOLD FLASH
PROTRUSIONS OR GATE BURRS.
123 4
5
6
TOP VIEW
SIDE VIEW
BOTTOM VIEW
D1
E1
q
D
E
B
A
0.20 C
0.20 C
2X
2X
DIM
MIN
NOM
MILLIMETERS
A
0.70
0.75
A1
0.00
−−−
b
0.23
0.30
c
0.15
0.20
D
D1
2.95
3.05
D2
1.98
2.11
E
E1
2.95
3.05
E2
1.47
1.60
e
0.65 BSC
G
0.30
0.41
K
0.64
−−−
L
0.30
0.43
L1
0.06
0.13
A
0.10 C
0.10 C
DETAIL A
14
8
L1
e/2
8X
D2
G
E2
K
b
A
0.10
B
C
0.05
c
L
DETAIL A
A1
e
6X
c
4X
C
SEATING
PLANE
5
MAX
0.80
0.05
0.40
0.25
3.15
2.24
3.15
1.73
0.51
−−−
0.56
0.20
M
0.055
0.059
0
−−−
_
0.063
12
_
0.028
0.030
0.000
−−−
0.009
0.012
0.006
0.008
0.116
0.120
0.078
0.083
0.116
0.120
0.058
0.063
0.026 BSC
0.012
0.016
0.025
−−−
0.012
0.017
0.002
0.005
0.031
0.002
0.016
0.010
0.124
0.088
0.124
0.068
0.020
−−−
0.022
0.008
MIN
NOM
INCHES
MAX
7
8
3.30 BSC
3.30 BSC
0.130 BSC
0.130 BSC
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
NVTFS5820NL/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NCP4682DSQ33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4682DSQ33T1G ONSEMI-NCP4682DSQ33T1G Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NCP4682DSQ33T1G ONSEMI-NCP4682DSQ33T1G Datasheet
445Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NCP4682DSQ33T1G ONSEMI-NCP4682DSQ33T1G Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
More results

Similar Description - NCP4682DSQ33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4682 ONSEMI-NCP4682_12 Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
NCP4682 ONSEMI-NCP4682 Datasheet
445Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com