Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP700B Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP700B
Description  200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP700B Datasheet(HTML) 1 Page - ON Semiconductor

  NCP700B Datasheet HTML 1Page - ON Semiconductor NCP700B Datasheet HTML 2Page - ON Semiconductor NCP700B Datasheet HTML 3Page - ON Semiconductor NCP700B Datasheet HTML 4Page - ON Semiconductor NCP700B Datasheet HTML 5Page - ON Semiconductor NCP700B Datasheet HTML 6Page - ON Semiconductor NCP700B Datasheet HTML 7Page - ON Semiconductor NCP700B Datasheet HTML 8Page - ON Semiconductor NCP700B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
© Semiconductor Components Industries, LLC, 2011
March, 2011 − Rev. 0
1
Publication Order Number:
NCP700B/D
NCP700B
200 mA, Ultra Low Noise,
High PSRR, BiCMOS RF LDO
Regulator
Noise sensitive RF applications such as Power Amplifiers in cell
phones and precision instrumentation require very clean power
supplies. The NCP700B is 200 mA LDO that provides the engineer
with a very stable, accurate voltage with ultra low noise and very high
Power Supply Rejection Ratio (PSRR) suitable for RF applications. In
order to optimize performance for battery operated portable
applications, the NCP700B employs an advanced BiCMOS process to
combine the benefits of low noise and superior dynamic performance
of bipolar elements with very low ground current consumption at full
loads offered by CMOS.
Furthermore, in order to provide a small footprint for space
constrained applications, the NCP700B is stable with small, low value
capacitors and is available in a very small WDFN6 1.5 mm x 1.5 mm
and TSOP−5 package.
Features
Output Voltage Options:
1.8 V, 2.8 V, 3.0 V, 3.3 V
Contact Factory for Other Voltage Options
Excellent Line and Load Regulation
Ultra Low Noise (typ. 10 mVrms)
Very High PSRR (typ 82 dB @ 1 kHz)
Stable with Ceramic Output Capacitors as low as 1 mF
Very Low Ground Current (typ. 70 mA @ no load)
Low Disable Mode Current (max. 1 mA)
Active Discharge Circuit
Current Limit Protection
Thermal Shutdown Protection
These are Pb−Free Devices
Applications
Smartphones / PDAs / Palmtops / GPS
Cellular Telephones (Power Amplifier)
Noise Sensitive Applications (RF, Video, Audio)
Analog Power Supplies
Battery Supplied Devices
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 19 of this data sheet.
ORDERING INFORMATION
WDFN6
CASE 511BJ
MARKING
DIAGRAM
PIN CONNECTIONS
X, XXX = Specific Device Code
M
= Date Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
X M
G
1
(Top View)
1
2
3
6
5
4
IN
GND
OUT
EN
NC
BYP
1
5
1
5
XXXAYW
G
TSOP−5
SN SUFFIX
CASE 483
(Top View)
IN
GND
EN
OUT
BYP
1
2
3
5
4


Similar Part No. - NCP700B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP700BMT18TBG ONSEMI-NCP700BMT18TBG Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCP700BMT25TBG ONSEMI-NCP700BMT25TBG Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCP700BMT28TBG ONSEMI-NCP700BMT28TBG Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCP700BMT30TBG ONSEMI-NCP700BMT30TBG Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCP700BMT33TBG ONSEMI-NCP700BMT33TBG Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
More results

Similar Description - NCP700B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8570 ONSEMI-NCV8570 Datasheet
193Kb / 12P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
November, 2009 ??Rev. 3
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
NCP700B ONSEMI-NCP700B_13 Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
NCP700 ONSEMI-NCP700 Datasheet
127Kb / 8P
   Ultra Low Noise, High PSSR,BiCMOS RF LDO Regulator
May, 2007 - Rev. 0
NCV8163 ONSEMI-NCV8163 Datasheet
696Kb / 16P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
April, 2018 ??Rev. 2
NCP161 ONSEMI-NCP161_16 Datasheet
731Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator
August, 2016 ??Rev. 7
NCP163 ONSEMI-NCP163 Datasheet
469Kb / 13P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
October, 2016 ??Rev. 0
NCP729 ONSEMI-NCP729_13 Datasheet
683Kb / 13P
   200 mA Ultra-Low Noise Very-Low Iq, High PSRR LDO Linear Voltage Regulator
April, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com