Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP700B Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP700B
Description  200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP700B Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP700B Datasheet HTML 5Page - ON Semiconductor NCP700B Datasheet HTML 6Page - ON Semiconductor NCP700B Datasheet HTML 7Page - ON Semiconductor NCP700B Datasheet HTML 8Page - ON Semiconductor NCP700B Datasheet HTML 9Page - ON Semiconductor NCP700B Datasheet HTML 10Page - ON Semiconductor NCP700B Datasheet HTML 11Page - ON Semiconductor NCP700B Datasheet HTML 12Page - ON Semiconductor NCP700B Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
NCP700B
http://onsemi.com
9
TYPICAL CHARACTERISTICS
5
10
15
20
25
30
35
0
50 100 150 200 250 300 350 400 450 500
Figure 22. Output Noise vs. Noise Bypass
Capacitance, COUT = 1 mF, VOUT = 3.3 V, IOUT =
200 mA
Cnoise, NOISE BYPASS CAPACITOR (nF)
TA = 25°C,
COUT = 1 mF,
VOUT = 3.3 V,
IOUT = 200 mA
VIN = 3.8 V
Figure 23. Output Noise vs. Output
Capacitance, Cnoise = 100 nF, VOUT = 3.3 V,
IOUT = 200 mA
0
2
4
6
8
10
12
14
16
18
20
13579
11
13
15
17
19
21
COUT, OUTPUT CAPACITOR (mF)
TA = 25°C,
Cnoise = 100 nF,
VOUT = 3.3 V,
IOUT = 200 mA
VIN = 3.8 V
10
12
14
16
18
20
22
24
26
28
30
0
25
50
75
100
125
150
175
200
IOUT, OUTPUT CURRENT (mA)
Figure 24. Output Noise vs. Load Current,
Cnoise = 10 nF, COUT = 1 mF
VOUT = 3.3 V
VOUT = 2.8 V
VOUT = 1.8 V
TA = 25°C, Cnoise = 10 nF, COUT = 1 mF,
VIN = VOUT + 0.5 V or 2.5 V, whichever is high-
er
5
6
7
8
9
10
11
12
13
14
15
0
25
50
75
100
125
150
175
200
IOUT, OUTPUT CURRENT (mA)
Figure 25. Output Noise vs. Load Current,
Cnoise = 100 nF, COUT = 1 mF
TA = 25°C, Cnoise = 100 nF, COUT = 1 mF,
VIN = VOUT + 0.5 V or 2.5 V, whichever is high-
er
VOUT = 3.3 V
VOUT = 2.8 V
VOUT = 1.8 V
1.60
1.65
1.70
1.75
1.80
1.85
0
40
80
120 160 200 240 280 320 360 400
0
100
200
300
t, TIME (ms)
Figure 26. Load Transient Response, VOUT =
1.8 V, COUT = 4.7 mF, Cnoise = 100 nF
1 mA
200 mA
COUT = 4.7 mF, VIN = 2.5 V, Cnoise = 100 nF,
dIOUT/dt = 200 mA / 1 ms


Similar Part No. - NCP700B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP700BMT18TBG ONSEMI-NCP700BMT18TBG Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCP700BMT25TBG ONSEMI-NCP700BMT25TBG Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCP700BMT28TBG ONSEMI-NCP700BMT28TBG Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCP700BMT30TBG ONSEMI-NCP700BMT30TBG Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCP700BMT33TBG ONSEMI-NCP700BMT33TBG Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
More results

Similar Description - NCP700B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8570 ONSEMI-NCV8570 Datasheet
193Kb / 12P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
November, 2009 ??Rev. 3
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
NCP700B ONSEMI-NCP700B_13 Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
NCP700 ONSEMI-NCP700 Datasheet
127Kb / 8P
   Ultra Low Noise, High PSSR,BiCMOS RF LDO Regulator
May, 2007 - Rev. 0
NCV8163 ONSEMI-NCV8163 Datasheet
696Kb / 16P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
April, 2018 ??Rev. 2
NCP161 ONSEMI-NCP161_16 Datasheet
731Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator
August, 2016 ??Rev. 7
NCP163 ONSEMI-NCP163 Datasheet
469Kb / 13P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
October, 2016 ??Rev. 0
NCP729 ONSEMI-NCP729_13 Datasheet
683Kb / 13P
   200 mA Ultra-Low Noise Very-Low Iq, High PSRR LDO Linear Voltage Regulator
April, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com