Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM917 Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # TSM917
Description  1.8V Nanopower Comparator with Internal 1.245V Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSM917 Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  TSM917 Datasheet HTML 1Page - Touchstone Semiconductor Inc TSM917 Datasheet HTML 2Page - Touchstone Semiconductor Inc TSM917 Datasheet HTML 3Page - Touchstone Semiconductor Inc TSM917 Datasheet HTML 4Page - Touchstone Semiconductor Inc TSM917 Datasheet HTML 5Page - Touchstone Semiconductor Inc TSM917 Datasheet HTML 6Page - Touchstone Semiconductor Inc TSM917 Datasheet HTML 7Page - Touchstone Semiconductor Inc TSM917 Datasheet HTML 8Page - Touchstone Semiconductor Inc TSM917 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TSM917
Page 1
© 2011 Touchstone Semiconductor, Inc. All rights reserved.
FEATURES
♦ Second-source for MAX917
♦ Guaranteed to Operate Down to +1.8V
♦ Ultra-Low Supply Current: 750nA
♦ Internal 1.245V ±1.5% Reference
♦ Input Voltage Range Extends 200mV Outside-the-Rails
♦ No Phase Reversal for Overdriven Inputs
♦ Push-pull Output
♦ Crowbar-Current-Free Switching
♦ Internal Hysteresis for Clean Switching
♦ 5-pin SOT23 and 8-pin SOIC Packaging
APPLICATIONS
2-Cell Battery Monitoring/Management
Medical Instruments
Threshold Detectors/Discriminators
Sensing at Ground or Supply Line
Ultra-Low-Power Systems
Mobile Communications
Telemetry and Remote Systems
DESCRIPTION
The TSM917 nanopower analog comparator is
electrically and form-factor identical to the MAX917
analog comparator. Ideally suited for all 2-cell battery-
management/monitoring
applications,
this
5-pin
SOT23
analog
comparator
guarantees
+1.8V
operation, draws very little supply current, and has a
robust input stage that can tolerate input voltages
beyond its power supply. The TSM917 draws 750nA
of supply current and includes an on-board 1.245V
±1.5% reference.
The TSM917’s push-push output drivers were
designed to drive 8mA loads from one supply rail to
the other supply rail. The TSM917 is also available in
an 8-pin SOIC package.
1.8V Nanopower Comparator with Internal 1.245V Reference
TYPICAL APPLICATION CIRCUIT
The Touchstone Semiconductor logo is a registered
trademark of Touchstone Semiconductor, Incorporated.


Similar Part No. - TSM917

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM917 SILABS-TSM917 Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
TSM917ESA SILABS-TSM917ESA Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
TSM917ESAT SILABS-TSM917ESAT Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
TSM917EUK SILABS-TSM917EUK Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
TSM917EUKT SILABS-TSM917EUKT Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
More results

Similar Description - TSM917

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM917 SILABS-TSM917 Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
TLV3012 BURR-BROWN-TLV3012 Datasheet
236Kb / 13P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
TLV3491 TI1-TLV3491_14 Datasheet
1Mb / 25P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com