Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1001IJ5T Datasheet(PDF) 6 Page - Touchstone Semiconductor Inc

Part # TS1001IJ5T
Description  THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1001IJ5T Datasheet(HTML) 6 Page - Touchstone Semiconductor Inc

Back Button TS1001IJ5T Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1001IJ5T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1001IJ5T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1001IJ5T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1001IJ5T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1001IJ5T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1001IJ5T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1001IJ5T Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1001IJ5T Datasheet HTML 10Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TS1001
Page 6
TS1001DS r1p0
RTFDS
TYPICAL PERFORMANCE CHARACTERISTICS
Output Short Circuit Current, ISC+ vs Temperature
Output Short Circuit Current, ISC- vs Temperature
Large-Signal Transient Response
VDD = 2.5V, VSS = GND, RLOAD = 100kΩ, CLOAD = 15pF
200µs/DIV
Small-Signal Transient Response
VDD = 2.5V, VSS = GND, RLOAD = 100kΩ, CLOAD = 15pF
2ms/DIV
TEMPERATURE - °C
TEMPERATURE - °C
-40
+25
+85
-40
+25
+85
VDD = 0.8V
VDD = 2.5V
VDD = 0.8V
VDD = 2.5V
VOUT = 0V
VOUT = VDD
25
15
0
5
10
20
50
30
0
10
20
40
60
70
Gain and Phase vs. Frequency
FREQUENCY - Hz
10
1k
10k
100
40
-20
0
20
60
50
-250
-150
-50
150
100k
VDD = 0.8V
TA = +25°C
RL = 100kΩ
CL = 20pF
AVCL = 1000 V/V
PHASE
GAIN
4kHz
70°


Similar Part No. - TS1001IJ5T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS1001IJ5T ETC-TS1001IJ5T Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001IJ5T SILABS-TS1001IJ5T Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
More results

Similar Description - TS1001IJ5T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Touchstone Semiconducto...
TS1003 TOUCHSTONE-TS1003 Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
TS1002 TOUCHSTONE-TS1002 Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
Silicon Laboratories
TS1002 SILABS-TS1002 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
Touchstone Semiconducto...
TS1005 TOUCHSTONE-TS1005 Datasheet
855Kb / 11P
   A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com