Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB081N06L3G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPB081N06L3G
Description  OptiMosTM3 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB081N06L3G Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPB081N06L3G Datasheet HTML 1Page - Infineon Technologies AG IPB081N06L3G Datasheet HTML 2Page - Infineon Technologies AG IPB081N06L3G Datasheet HTML 3Page - Infineon Technologies AG IPB081N06L3G Datasheet HTML 4Page - Infineon Technologies AG IPB081N06L3G Datasheet HTML 5Page - Infineon Technologies AG IPB081N06L3G Datasheet HTML 6Page - Infineon Technologies AG IPB081N06L3G Datasheet HTML 7Page - Infineon Technologies AG IPB081N06L3G Datasheet HTML 8Page - Infineon Technologies AG IPB081N06L3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IPB081N06L3 G IPP084N06L3 G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
.96C
> 2 =C
6D:DE
2 ? 46 ;F? 4E
:@?42 D6
R aU@8
%
%
)&1
A'L
.96C
> 2 =C
6D:DE
2 ? 46
R aU@6
> :? :> 2 =7@@E
AC
:? E
 
;F? 4E
:@?2 > 3 :6? E
 4> W 4@@=
:? 8 2 C
62
-#
%
%
,(
Electrical characteristics,
2 ET W   U  F? =
6DD@E
96C
H:D6 DA64:7:65
Static characteristics
 C
2 :? D@FC
46 3 C
62 <5@H? G@=
E
2 86
V "7H#9II V =I /  I 9>
.(
%
%
K
!2 E
6 E
9C
6D9@=
5 G@=
E
2 86
V =I"aU#
V 9I4V =I I 9   X
)&*
)&/
*&*
16C
@ 82 E
6 G@=
E
2 86 5C
2 :? 4FC
C
6? E
I 9II
V 9I  /  V =I / 
T W   U
%
(&)
)
t6
V 9I  /  V =I / 
T W  U
%
)(
)((
!2 E
6D@FC
46 =
62 <2 86 4FC
C
6? E
I =II
V =I  /  V 9I /
%
)
)((
[6
 C
2 :? D@FC
46 @? DE
2 E
6 C
6D:DE
2 ? 46
R 9I"\[#
V =I /  I 9  
%
/&(
0&,
Z"
V =I   /  I 9   
%
1&/
),&+
 C
2 :? D@FC
46 @? DE
2 E
6 C
6D:DE
2 ? 46
R 9I"\[#
V =I /  I 9   
"IC9#
%
.&/
0&)
V =I   /  I 9    
"IC9#
%
1&,
),
!2 E
6 C
6D:DE
2 ? 46
R =
%
(&1
%
"
J_N[`P\[QbPaN[PR
g S`
hV 9Ih5*hI 9hR 9I"\[#ZNe
I 9  
+-
.1
%
I
Values
-#  6G:46 @?  >> I >> I  >> 6A@IJ * 
,  H:E
9  4>
* @? 6 =2J6C X> E9:4< 4@AA6C2 C62 7@C5C2:?
4@? ? 64E
:@?*   :DG6C
E
:42 =:? DE
:=
=2 :C
, 6G   
A2 86 
 


Similar Part No. - IPB081N06L3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB081N06L3G INFINEON-IPB081N06L3G Datasheet
433Kb / 11P
   OptiMOS?? Power-Transistor
Rev. 2.24 2012-11-28
More results

Similar Description - IPB081N06L3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP110N20NA INFINEON-IPP110N20NA Datasheet
694Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2011-05-11
IPP200N25N3G INFINEON-IPP200N25N3G_11 Datasheet
764Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-07-14
IPP114N12N3G INFINEON-IPP114N12N3G_11 Datasheet
309Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-11-25
IPA126N10N3G INFINEON-IPA126N10N3G Datasheet
283Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-07-09
BSZ520N15NS3G INFINEON-BSZ520N15NS3G Datasheet
625Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev.2.2 2010-01-25
BSC109N10NS3G INFINEON-BSC109N10NS3G Datasheet
661Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev.2.0 2010-03-25
BSZ12DN20NS3G INFINEON-BSZ12DN20NS3G Datasheet
680Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
IPB200N25N3G INFINEON-IPB200N25N3G Datasheet
427Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-10-23
IPB107N20N3G INFINEON-IPB107N20N3G_11 Datasheet
696Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.3 2011-07-14
BSC16DN25NS3G INFINEON-BSC16DN25NS3G Datasheet
545Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
BSC22DN20NS3G INFINEON-BSC22DN20NS3G Datasheet
536Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com