Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC705C8A Datasheet(PDF) 64 Page - Motorola, Inc

Part # MC68HC705C8A
Description  HCMOS Microcontroller Unit
Download  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC705C8A Datasheet(HTML) 64 Page - Motorola, Inc

Back Button MC68HC705C8A Datasheet HTML 60Page - Motorola, Inc MC68HC705C8A Datasheet HTML 61Page - Motorola, Inc MC68HC705C8A Datasheet HTML 62Page - Motorola, Inc MC68HC705C8A Datasheet HTML 63Page - Motorola, Inc MC68HC705C8A Datasheet HTML 64Page - Motorola, Inc MC68HC705C8A Datasheet HTML 65Page - Motorola, Inc MC68HC705C8A Datasheet HTML 66Page - Motorola, Inc MC68HC705C8A Datasheet HTML 67Page - Motorola, Inc MC68HC705C8A Datasheet HTML 68Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 222 page
background image
Technical Data
MC68HC705C8A — Rev. 2.0
64
Resets
MOTOROLA
Resets
5.3.3.2 Non-Programmable COP Watchdog
A timeout of the 18-stage ripple counter in the non-programmable COP
watchdog generates a reset. The timeout period is 65.536 ms when
fOSC = 4 MHz. The timeout period for the non-programmable COP timer
is a direct function of the crystal frequency. The equation is:
Two memory locations control operation of the non-programmable COP
watchdog:
1. Non-programmable COP enable bit (NCOPE) in mask option
register 2 (MOR2)
Programming the NCOPE bit in MOR2 to a logic 1 enables the
non-programmable COP watchdog. See 9.5.3 Mask Option
Register 2.
NOTE:
Writing a logic 1 to the programmable COP enable bit (PCOPE) in the
COP control register enables the programmable COP watchdog. Setting
the PCOPE bit while the NCOPE bit is programmed to logic 1 enables
both COP watchdogs to operate at the same time.
Table 5-1. Programmable COP Timeout Period Selection
CM1:CM0
COP
Timeout Rate
Programmable COP Timeout Period
fOSC = 4.0 MHz
fOP = 2.0 MHz
fOSC = 3.5795 MHz
fOP = 1.7897 MHz
fOSC = 2.0 MHz
fOP = 1.0 MHz
fOSC = 1.0 MHz
fOP = 0.5 MHz
00
fOP ÷ 2
15
16.38 ms
18.31 ms
32.77 ms
65.54 ms
01
fOP ÷ 2
17
65.54 ms
73.24 ms
131.07 ms
262.14 ms
10
fOP ÷ 2
19
262.14 ms
292.95 ms
524.29 ms
1.048 s
11
fOP ÷ 2
21
1.048 s
1.172 s
2.097 s
4.194 s
262,144
fOSC
Timeout period =


Similar Part No. - MC68HC705C8A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC705C8A MOTOROLA-MC68HC705C8A Datasheet
2Mb / 222P
   M68HC05 MICROCONTROLLERS
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A Datasheet
2Mb / 222P
   Microcontrollers
MC68HC705C8A FREESCALE-MC68HC705C8A Datasheet
1Mb / 222P
   Technical Data
MC68HC705C8AC FREESCALE-MC68HC705C8AC Datasheet
2Mb / 222P
   Microcontrollers
MC68HC705C8AC(1)P(2) FREESCALE-MC68HC705C8AC(1)P(2) Datasheet
1Mb / 222P
   Technical Data
More results

Similar Description - MC68HC705C8A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC908RF2 MOTOROLA-MC68HC908RF2 Datasheet
1Mb / 254P
   HCMOS Microcontroller Unit
MC68HC705JP7 MOTOROLA-MC68HC705JP7 Datasheet
3Mb / 242P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC05P9A FREESCALE-MC68HC05P9A Datasheet
1Mb / 158P
   HCMOS Microcontroller Unit
logo
Motorola, Inc
MC68HC08JK1 MOTOROLA-MC68HC08JK1 Datasheet
2Mb / 198P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC08P4 FREESCALE-MC68HC08P4 Datasheet
6Mb / 96P
   HCMOS MICROCONTROLLER UNIT
logo
Motorola, Inc
MC68HC08AZ32A MOTOROLA-MC68HC08AZ32A Datasheet
3Mb / 456P
   HCMOS Microcontroller Unit
MC68HC705KJ1 MOTOROLA-MC68HC705KJ1 Datasheet
1Mb / 144P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC908AS60 FREESCALE-MC68HC908AS60 Datasheet
5Mb / 454P
   HCMOS Microcontroller Unit
MC68HC05K0 FREESCALE-MC68HC05K0 Datasheet
1Mb / 154P
   HCMOS Microcontroller Unit
MC68HC11K4 FREESCALE-MC68HC11K4 Datasheet
17Mb / 229P
   HCMOS MICROCONTROLLER UNIT
MC68HC11L6 FREESCALE-MC68HC11L6 Datasheet
10Mb / 172P
   HCMOS MICROCONTROLLER UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com