Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADXL206HDZ Datasheet(PDF) 6 Page - Analog Devices

Part No. ADXL206HDZ
Description  Precision, ±5 g, Dual-Axis, High Temperature iMEMS Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADXL206HDZ Datasheet(HTML) 6 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADXL206
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, unless otherwise noted.
60
50
40
30
20
10
0
VOLTAGE (V)
Figure 4. X-Axis Zero g Bias at TA = 25°C
25
20
15
10
5
0
TEMPERATURE COEFFICIENT (mg/°C)
Figure 5. X-Axis Zero g Bias Temperature Coefficient
90
80
70
60
50
40
30
20
10
0
SENSITIVITY (V/g)
Figure 6. X-Axis Sensitivity at TA = 25°C
70
60
50
40
30
20
10
0
VOLTAGE (V)
Figure 7. Y-Axis Zero g Bias at TA = 25°C
25
20
15
10
5
0
TEMPERATURE COEFFICIENT (mg/°C)
Figure 8. Y-Axis Zero g Bias Temperature Coefficient
80
70
60
50
40
30
20
10
0
SENSITIVITY (V/g)
Figure 9. Y-Axis Sensitivity at TA = 25°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn