Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN4605 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN4605
Description  4.25 Gbps 40 횞 40 Digital Crosspoint Switch 3 dB, 6 dB, or 12 dB boost
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4605 Datasheet(HTML) 3 Page - Analog Devices

  ADN4605 Datasheet HTML 1Page - Analog Devices ADN4605 Datasheet HTML 2Page - Analog Devices ADN4605 Datasheet HTML 3Page - Analog Devices ADN4605 Datasheet HTML 4Page - Analog Devices ADN4605 Datasheet HTML 5Page - Analog Devices ADN4605 Datasheet HTML 6Page - Analog Devices ADN4605 Datasheet HTML 7Page - Analog Devices ADN4605 Datasheet HTML 8Page - Analog Devices ADN4605 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
ADN4605
Rev. 0 | Page 3 of 56
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
VCC = 2.5 V, VTTIx = 2.5 V, VTTOx = 2.5 V, DVCC = 3.3 V, VEE = 0 V, RL = 50 Ω, output level (OLEV) = 4 (16 mA), preemphasis (PE) = 0 (0 dB),
equalizer (EQ) = 1 (3 dB), data rate = 4.25 Gbps (PRBS7 data pattern), ac-coupled inputs and outputs, differential input swing = 800 mV p-p,
TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Data Rate (DR) per Channel (NRZ)
dc
4.25
Gbps
Deterministic Jitter
Data rate
≤ 4.25 Gbps, no channel
20
ps p-p
Random Jitter
RMS, no channel
0.8
ps rms
Data rate = 4.25 Gbps, 20 in. FR4, EQ boost = 12 dB
14
ps p-p
Residual Deterministic Jitter with
Receive Equalization
Data rate = 4.25 Gbps, 30 in. FR4, EQ boost = 12 dB
15
ps p-p
Data rate = 4.25 Gbps, 40 in. FR4, EQ boost = 12 dB
25
ps p-p
Data rate = 4.25 Gbps, 20 in. FR4, PE boost = 5.6 dB
22
ps p-p
Residual Deterministic Jitter with
Transmit Preemphasis
Data rate = 4.25 Gbps, 30 in. FR4, PE boost = 6.8 dB
28
ps p-p
Data rate = 4.25 Gbps, 40 in. FR4, PE boost = 9.5 dB
32
ps p-p
Propagation Delay
Input to output
920
ps
Channel-to-Channel Skew
Earliest input/output lane to latest input/output lane
200
ps
Switching Time
Update logic switching to 50% output data
20
ns
Output Rise/Fall Time
20% to 80%
108
ps
INPUT CHARACTERISTICS
Minimum Differential Input
Voltage Swing1
VICM = VCC − 0.6 V
50
mV p-p diff
Maximum Differential Input
Voltage Swing1
VICM = VCC − 0.6 V
2000
mV p-p diff
Single-ended absolute voltage level, VL
VEE + 1.0
V
Input Voltage Range
Single-ended absolute voltage level, VH
VCC + 0.3
V
OUTPUT CHARACTERISTICS
Output Voltage Swing
Differential, PE boost = 0 dB, default output level, at dc
670
800
875
mV p-p diff
Single-ended absolute voltage level, VL
VCC – 1.4
V
Output Voltage Range
Single-ended absolute voltage level, VH
VCC + 0.3
V
Per-Port Output Current
PE boost = 0 dB, default output level
16
mA
PE boost = 6 dB, default output level
32
mA
TERMINATION CHARACTERISTICS
Resistance
Differential, VCC = VMIN to VMAX, TA = TMIN to TMAX
88
100
114
Ω
Temperature Coefficient
0.015
Ω/°C
POWER SUPPLY
Operating Range
VCC
VEE = 0 V
2.25
2.5
3.6
V
DVCC
VEE = 0 V
3.0
3.3
3.6
V
VTTIA, VTTIB
VEE = 0 V
2.5
VCC + 0.3
V
VTTOA, VTTOB
VEE = 0 V
2.5
VCC + 0.3
V
Supply Current
Inputs/outputs disabled (reset condition)
ICC
55
64
mA
IDVCC
0.3
1.1
mA
ITTIA + ITTIB
Inputs floating
0
1.5
mA
ITTOA+ ITTOB
Outputs floating
0
1.5
mA


Similar Part No. - ADN4605

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4605 AD-ADN4605 Datasheet
1Mb / 56P
   4.25 Gbps 40 횞 40 Digital
REV. A
ADN4605-EVALZ AD-ADN4605-EVALZ Datasheet
1Mb / 56P
   4.25 Gbps 40 횞 40 Digital
REV. A
ADN4605ABPZ AD-ADN4605ABPZ Datasheet
1Mb / 56P
   4.25 Gbps 40 횞 40 Digital
REV. A
ADN4605_1111 AD-ADN4605_1111 Datasheet
1Mb / 56P
   4.25 Gbps 40 횞 40 Digital
REV. A
More results

Similar Description - ADN4605

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4605_1111 AD-ADN4605_1111 Datasheet
1Mb / 56P
   4.25 Gbps 40 횞 40 Digital
REV. A
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
   4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
logo
Pasternack Enterprises,...
PE15A1028 PASTERNACK-PE15A1028 Datasheet
520Kb / 5P
   40 dB Gain, 0.7 dB NF, 12 dBm P1dB, 1.2 GHz
logo
PCTEL, Inc.
GPS-TMG-40N PCTEL-GPS-TMG-40N Datasheet
69Kb / 1P
   40 dB Internal Amplifier
logo
Analog Devices
ADN4600 AD-ADN4600 Datasheet
1Mb / 28P
   4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
REV. 0
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595 Datasheet
487Kb / 6P
   Gain of 40 dB typ
logo
Analog Devices
HMC347A AD-HMC347A Datasheet
457Kb / 6P
   High Isolation: >40 dB @ 20 GHz
logo
Pasternack Enterprises,...
PE15A1012 PASTERNACK-PE15A1012 Datasheet
406Kb / 3P
   40 dB Gain, 0.8 dB NF, 18 dBm, 10 MHz to
PE15A3023 PASTERNACK-PE15A3023 Datasheet
459Kb / 6P
   12 dBm P1dB, 30 MHz to 40 GHz, Medium Power Broadband Amplifier, 25 dB Gain, 6 dB NF, 2.92mm
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
   3 dB/step, 30 dB Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com