Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCHMB50A6A Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PCHMB50A6A
Description  50A 600V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PCHMB50A6A Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PCHMB50A6A_1 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PCHMB50A6A_1 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PCHMB50A6A_1 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IGBT
IGBT
IGBT
IGBT ModuleChopper
50 A,
600V
PCHMB50A6A
PCHMB50A6A
PCHMB50A6A
PCHMB50A6A
回 路
路 図
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
外 形
形 寸
寸 法
法 図
OUTLINE
OUTLINE
OUTLINE
OUTLINE DRAWING
DRAWING
DRAWING
DRAWING
Dimension:[mm]
最 大
大 定
定 格
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM
RATINGS
RATINGS
RATINGS
RATINGS (T
=25℃)
重量:220g
Item
Symbol
Rated Value
Unit
コレクタ・エミッタ間電圧
Collector-Emitter Voltage
CES
600
ゲート・エミッタ間電圧
Gate-Emitter Voltage
GES
±20
DC
C
50
コレクタ電
Collector Current
1ms
CP
100
コレクタ損
Collector Power Dissipation
C
250
接合温度
Junction Temperature Range
j
−40∼+150
保存温度
Storage Temperature Range
stg
−40∼+125
絶縁耐圧(Terminal to Base AC,1minute)
Isolation Voltage
iso
2,500
(RMS)
Module Base to Heatsink
締め 付けトルク
Mounting Torque
Busbar to Main Terminal
tor
2(20.4)
N・m
(kgf・cm)
電 気
気 的
的 特
特 性
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS (T
=25℃)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max. Unit
コレクタ 遮断電 流
Collector-Emitter Cut-Off Current
CES
CE = 600V, VGE = 0V
1.0
mA
ゲー ト漏れ電流
Gate-Emitter Leakage Current
GES
GE = ±20V, VCE = 0V
1.0
μA
コレクタ・エミッタ間飽和電圧
Collector-Emitter Saturation Voltage
CE(sat)
C = 50A, VGE = 15V
2.0
2.5
ゲートし きい値 電圧
Gate-Emitter Threshold Voltage
GE(th)
CE = 5V, IC = 50mA
4.0
8.0
入力容量
Input Capacitance
ies
CES = 10V, VGE = 0V,f= 1MHz
5,000
pF
Rise
Time
r
0.15 0.30
ターンオン時間
Turn-on
Time
on
0.25 0.40
Fall
Time
f
0.20 0.35
スイッチ ング時 間
Switching Time
ターンオフ時間
Turn-off Time
off
CC = 300V
L = 6Ω
G = 15Ω
GE = ±15V
0.45 0.70
μs
□フリーホイーリングダイオードの
フリーホイーリングダイオードの
フリーホイーリングダイオードの
フリーホイーリングダイオードの 特
特 性
性:
FREE
FREE
FREE
FREE WHEELING
WHEELING
WHEELING
WHEELING D
DIODE
IODE
IODE
IODE RATINGS
RATINGS
RATINGS
RATINGS &
& CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS(T
=25℃)
Item
Symbol
Rated Value
Unit
DC
F
50
Forward Current
1ms
FM
100
Characteristic
Symbol
Test Condition
Min.
Typ.
Max. Unit
順電
Peak Forward Voltage
F
F = 50A, VGE = 0V
1.9
2.4
逆回復時
Reverse Recovery Time
rr
F = 50A, VGE = -10V
di/dt = 50A/μs
0.15 0.25
μs
THERMAL
THERMAL
THERMAL
THERMAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
Characteristic
Symbol
Test Condition
Min.
Typ.
Max. Unit
IGBT
0.50
熱抵
Thermal Impedance
Diode
th(j-c)
Junction to Case
1.00
℃/W


Similar Part No. - PCHMB50A6A_1

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCHMB50A6A NIEC-PCHMB50A6A Datasheet
119Kb / 3P
   IGBT MODULE Chopper 50A 600V
More results

Similar Description - PCHMB50A6A_1

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PRHMB50A6 NIEC-PRHMB50A6_1 Datasheet
115Kb / 3P
   50A 600V
PRHMB50E6 NIEC-PRHMB50E6_1 Datasheet
254Kb / 4P
   50A 600V
PRHMB50A6A NIEC-PRHMB50A6A_1 Datasheet
127Kb / 3P
   50A 600V
logo
Fuji Electric
2MBI50N-060 FUJI-2MBI50N-060 Datasheet
154Kb / 4P
   IGBT(600V 50A)
logo
Renesas Technology Corp
RJH60D7BDPQ-E0 RENESAS-RJH60D7BDPQ-E0_16 Datasheet
334Kb / 10P
   600V - 50A - IGBT
logo
Fuji Electric
6MBI50F-060 FUJI-6MBI50F-060 Datasheet
121Kb / 4P
   IGBT(600V 50A)
6MBI50L-060 FUJI-6MBI50L-060 Datasheet
126Kb / 4P
   IGBT(600V 50A)
2MBI50L-060 FUJI-2MBI50L-060 Datasheet
114Kb / 4P
   IGBT(600V 50A)
2MBI50F-060 FUJI-2MBI50F-060 Datasheet
129Kb / 4P
   IGBT(600V 50A)
7MBR50NF060 FUJI-7MBR50NF060 Datasheet
263Kb / 9P
   600V/50A/PIM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com