Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1276 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM1276
Description  Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1276 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM1276 Datasheet HTML 5Page - Analog Devices ADM1276 Datasheet HTML 6Page - Analog Devices ADM1276 Datasheet HTML 7Page - Analog Devices ADM1276 Datasheet HTML 8Page - Analog Devices ADM1276 Datasheet HTML 9Page - Analog Devices ADM1276 Datasheet HTML 10Page - Analog Devices ADM1276 Datasheet HTML 11Page - Analog Devices ADM1276 Datasheet HTML 12Page - Analog Devices ADM1276 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
ADM1276
Rev. 0 | Page 9 of 48
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
OV
2
VCAP
3
ISET
4
SS
5
TIMER
13
14
15
12
11
FLB
VOUT
GND
PWRGD
SCL
ADM1275-3
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
NOTES
1. SOLDER THE EXPOSED PADDLE TO
THE BOARD TO IMPROVE THERMAL
DISSIPATION. THE EXPOSED PADDLE
CAN BE CONNECTED TO GROUND.
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
19
VCC
Positive Supply Input Pin. An undervoltage lockout (UVLO) circuit resets the device when a low supply voltage is
detected. GATE is held low when the supply is below UVLO. During normal operation, this pin should remain
greater than or equal to SENSE+ to ensure that specifications are adhered to. No sequencing is required.
20
UV
Undervoltage Input Pin. An external resistor divider is used from the supply to this pin to allow an internal
comparator to detect whether the supply is under the UV limit.
1
OV
Overvoltage Input Pin. An external resistor divider is used from the supply to this pin to allow an internal
comparator to detect whether the supply is above the OV limit.
2
VCAP
Internal Regulated Supply. Place a capacitor with a value of 1 μF or greater on this pin to maintain good
accuracy. This pin can be used as a reference to program the ISET pin voltage.
3
ISET
Current Limit. This pin allows the current-limit threshold to be programmed. The default limit is set when this pin
is connected directly to VCAP. To achieve a user defined sense voltage, the current limit can be adjusted using a
resistor divider from VCAP. An external reference can also be used.
4
SS
Soft Start Pin. A capacitor is used on this pin to set the soft start ramp profile. The voltage on the SS pin controls
the current sense voltage limit, which controls the inrush current profile.
5
TIMER
Timer Pin. An external capacitor, CTIMER, sets an initial timing cycle delay and a fault delay. The GATE pin is pulled
low when the voltage on the TIMER pin exceeds the upper threshold.
6
LATCH
Latch Pin. This pin signals that the device is latching off after an overcurrent fault. The device can be configured
for automatic retry after latch-off by connecting this pin directly to the UV or the ENABLE pin.
7
ADR
PMBus Address Pin. This pin can be tied to GND, tied to VCAP, remain floating, or tied low through a resistor to
set four different PMBus addresses (see the Device Addressing section).
8
ENABLE
Enable Pin. This pin is a digital logic input. This input must be high to allow the ADM1276 hot swap controller to
begin a power-up sequence. If this pin is held low, the ADM1276 is prevented from powering up. There is no
internal pull-up on this pin.
9
GPO2/ALERT2
General-Purpose Digital Output/Alert. This is a dual function pin. There is no internal pull-up on this pin. The
ALERT2 function of this pin can be configured to generate an alert signal when one or more fault or warning
conditions are detected. At power-up, ALERT2 indicates the FET health mode by default.
10
SDA
Serial Data Input/Output Pin. Open-drain input/output. Requires an external resistive pull-up.
11
SCL
Serial Clock Pin. Open-drain input. Requires an external resistive pull-up.
12
PWRGD
Power-Good Signal. Used to indicate that the supply is within tolerance. This signal is based on the voltage
present on the FLB pin.
13
FLB
Foldback Pin. A foldback resistor divider is placed from the source of the FET to this pin. Foldback is used to reduce
the current limit when the source voltage drops. The foldback feature ensures that the power through the FET is
not increased beyond the SOA limits.
14
VOUT
Output Voltage. This pin is used to read back the output voltage using the internal ADC.
15
GND
Ground Pin.


Similar Part No. - ADM1276

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
More results

Similar Description - ADM1276

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
   Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
logo
Texas Instruments
LM5066 TI1-LM5066_16 Datasheet
2Mb / 65P
[Old version datasheet]   Hotswap Controller With I/V/P Monitoring and PMBus Interface
logo
Linear Technology
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com