Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPM25-D-12E Datasheet(PDF) 2 Page - Make-Ps

Part # PPM25-D-12E
Description  Single Output AC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

PPM25-D-12E Datasheet(HTML) 2 Page - Make-Ps

  PPM25-D-12E Datasheet HTML 1Page - Make-Ps PPM25-D-12E Datasheet HTML 2Page - Make-Ps PPM25-D-12E Datasheet HTML 3Page - Make-Ps PPM25-D-12E Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Examples of Partnumbers/Modelcode
PART
NO.
Power
(Watt)
INPUT CURRENT
(mA, typ..)
110VAC / 230VAC
OUTPUT
(Volt)
RIPPLE AND
NOISE (typ..)
EFFICIENCY
(% min.)
PPM05-A-3.3E
4
120 / 70
3.3V / 1250mA
50mV
70
PPM05-A-05E
5
120 / 70
5V / 1000mA
50mV
75
PPM05-A-09E
5
120 / 70
9V / 550mA
50mV
77
PPM05-A-12E
5
120 / 70
12V / 420mA
50mV
79
PPM05-A-15E
5
120 / 70
15V / 330mA
50mV
80
PPM05-A-24E
5
120 / 70
24V / 230mA
50mV
82
PPM10-B-3.3E
6.6
230 / 120
3.3V / 2000mA
50mV
70
PPM10-B-05E
10
230 / 120
5V / 2000mA
50mV
76
PPM10-B-09E
10
230 / 120
9V / 1100mA
50mV
78
PPM10-B-12E
10
230 / 120
12V / 900mA
50mV
80
PPM10-B-15E
10
230 / 120
15V / 700mA
50mV
81
PPM10-B-24E
10
230 / 120
24V / 450mA
50mV
82
PPM15-C-3.3E
9.9
250 / 140
3.3V / 3000mA
50mV
73
PPM15-C-05E
15
250 / 140
5V / 2800mA
50mV
76
PPM15-C-09E
15
250 / 140
9V / 1600mA
50mV
78
PPM15-C-12E
15
250 / 140
12V / 1250mA
50mV
80
PPM15-C-15E
15
250 / 140
15V / 1000mA
50mV
80
PPM15-C-24E
15
250 / 140
24V / 625mA
50mV
84
PPM15-C-48E
15
250 / 140
48V / 320mA
50mV
85
PPM20-D-3.3E
20
330 / 180
3.3V / 4100mA
50mV
73
PPM20-D-05E
20
330 / 180
5V / 3500mA
50mV
75
PPM20-D-12E
20
330 / 180
12V / 1600mA
50mV
81
PPM20-D-15E
20
330 / 180
15V / 1300mA
50mV
83
PPM20-D-24E
20
330 / 180
24V / 850mA
50mV
85
PPM25-D-05E
25
420 / 230
5V / 4100mA
50mV
74
PPM25-D-12E
25
420 / 230
12V / 2100mA
50mV
82
PPM25-D-15E
25
420 / 230
15V / 1600mA
50mV
83
PPM25-D-24E
25
420 / 230
24V / 1100mA
50mV
85
PPM25-D-48E
25
420 / 230
48V / 500mA
50mV
87
Other specifications please enquire.
www.make-ps.com
E-mail:info@make-ps.com
www.make-ps.com
2/4


Similar Part No. - PPM25-D-12E

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PPM25-D-12ELF PEAK-PPM25-D-12ELF Datasheet
463Kb / 4P
   Over Current / Over Voltage Protection
More results

Similar Description - PPM25-D-12E

ManufacturerPart #DatasheetDescription
logo
Make-Ps
CFM05M MAKE-PS-CFM05M Datasheet
391Kb / 2P
   Single Output AC/DC Converter
logo
Delta Electronics, Inc.
AA07S DELTA-AA07S Datasheet
213Kb / 4P
   7W Single Output AC/DC converter
AA07S0300A DELTA-AA07S0300A Datasheet
212Kb / 5P
   7W Single Output AC/DC converter
logo
PEAK electronics GmbH
PPM03-S-05ELF PEAK-PPM03-S-05ELF Datasheet
99Kb / 3P
   3 W AC/DC CONVERTER SINGLE OUTPUT
logo
Chinfa Electronics Ind....
FDD03U CHINFA-FDD03U Datasheet
495Kb / 8P
   DC - AC CONVERTER 2~3W SINGLE & DUAL OUTPUT
logo
Wall Industries,Inc.
PSLH WALL-PSLH Datasheet
1Mb / 11P
   5-25 Watts AC/DC Converter Single Output
logo
PEAK electronics GmbH
PPM05-A-05ELF PEAK-PPM05-A-05ELF Datasheet
95Kb / 4P
   5 - 25 W AC/DC CONVERTER SINGLE OUTPUT
logo
Chinfa Electronics Ind....
RDD05 CHINFA-RDD05_14 Datasheet
184Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S1 CHINFA-RDD05-03S1 Datasheet
174Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_14 Datasheet
177Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com