Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF7023-JBCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADF7023-JBCPZ
Description  High Performance, Low Power, ISM Band FSK/GFSK/MSK/GMSK Transceiver IC
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7023-JBCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF7023-JBCPZ Datasheet HTML 6Page - Analog Devices ADF7023-JBCPZ Datasheet HTML 7Page - Analog Devices ADF7023-JBCPZ Datasheet HTML 8Page - Analog Devices ADF7023-JBCPZ Datasheet HTML 9Page - Analog Devices ADF7023-JBCPZ Datasheet HTML 10Page - Analog Devices ADF7023-JBCPZ Datasheet HTML 11Page - Analog Devices ADF7023-JBCPZ Datasheet HTML 12Page - Analog Devices ADF7023-JBCPZ Datasheet HTML 13Page - Analog Devices ADF7023-JBCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
ADF7023-J
Rev. 0 | Page 10 of 100
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
GFSK/GMSK INPUT SENSITIVITY, PER
At PER = 1%, RF frequency = 954 MHz,
LNA and PA matched separately,
packet length = 20 octets, packet mode
50 kbps
−104.1
dBm
Frequency deviation = 25 kHz,
IF filter bandwidth = 100 kHz
100 kbps
−101.1
dBm
Frequency deviation = 50 kHz,
IF filter bandwidth = 100 kHz
100 kbps
−102.2
dBm
Frequency deviation = 40 kHz,
IF filter bandwidth = 100 kHz
200 kbps
−98.5
dBm
Frequency deviation = 100 kHz,
IF filter bandwidth = 200 kHz
200 kbps
−99.5
dBm
Frequency deviation = 80 kHz,
IF filter bandwidth = 200 kHz
LNA AND MIXER, INPUT IP3
Receiver LO frequency (fLO) = 914.8 MHz,
fSOURCE1 = fLO + 0.4 MHz, fSOURCE2 = fLO + 0.7 MHz
Minimum LNA Gain
−11.5
dBm
Maximum LNA Gain
−12.2
dBm
LNA AND MIXER, INPUT IP2
Receiver LO frequency (fLO) = 920.8 MHz,
fSOURCE1 = fLO + 1.1 MHz, fSOURCE2 = fLO + 1.3 MHz
Maximum LNA Gain, Maximum Mixer Gain
18.5
dBm
Minimum LNA Gain, Minimum Mixer Gain
27
dBm
LNA AND MIXER, 1 dB COMPRESSION POINT
RF frequency = 915 MHz
Maximum LNA Gain, Maximum Mixer Gain
−21.9
dBm
Minimum LNA Gain, Minimum Mixer Gain
−21
dBm
ADJACENT CHANNEL REJECTION
CW Interferer
Desired signal at −87 dBm, CW interferer
power level increased until BER = 62−6,
image calibrated
±200 kHz Offset
38
dB
IF BW = 100 kHz, wanted signal:
fDEV = 25 kHz, DR = 50 kbps
+400 kHz Offset
51
dB
−400 kHz Offset
33/39
dB
Uncalibrated/internal calibration; using an
IF of 200 kHz, −400 kHz is the image frequency
CO-CHANNEL REJECTION
−6
dB
Desired signal at −87 dBm,
data rate = 50 kbps,
frequency deviation = 25 kHz,
RF frequency = 954 MHz
BLOCKING
RF Frequency = 954 MHz
Desired signal 3 dB above the input
sensitivity level, data rate = 50 kbps,
CW interferer power level increased until
BER = 10−3 (see the Typical Performance
Characteristics section for blocking at other
offsets and IF bandwidths), image calibrated
±2 MHz
65
dB
±10 MHz
72
dB
±60 MHz
76
dB
IMAGE CHANNEL ATTENUATION
Measured as image attenuation at the
IF filter output, carrier wave interferer at
400 kHz below the channel frequency,
100 kHz IF filter bandwidth
954 MHz
36/43.8
dB
Uncalibrated/calibrated


Similar Part No. - ADF7023-JBCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7023 AD-ADF7023 Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
ADF7023BCPZ AD-ADF7023BCPZ Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
REV. C
ADF7023BCPZ AD-ADF7023BCPZ Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
ADF7023BCPZ-RL AD-ADF7023BCPZ-RL Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
More results

Similar Description - ADF7023-JBCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7023BCPZ AD-ADF7023BCPZ Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
REV. C
ADF7023 AD-ADF7023 Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com