Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF7023-J Datasheet(PDF) 25 Page - Analog Devices

Part # ADF7023-J
Description  High Performance, Low Power, ISM Band FSK/GFSK/MSK/GMSK Transceiver IC
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7023-J Datasheet(HTML) 25 Page - Analog Devices

Back Button ADF7023-J Datasheet HTML 21Page - Analog Devices ADF7023-J Datasheet HTML 22Page - Analog Devices ADF7023-J Datasheet HTML 23Page - Analog Devices ADF7023-J Datasheet HTML 24Page - Analog Devices ADF7023-J Datasheet HTML 25Page - Analog Devices ADF7023-J Datasheet HTML 26Page - Analog Devices ADF7023-J Datasheet HTML 27Page - Analog Devices ADF7023-J Datasheet HTML 28Page - Analog Devices ADF7023-J Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 100 page
background image
ADF7023-J
Rev. 0 | Page 25 of 100
6
–6
–4
–2
0
2
4
–120 –110 –100 –90
–80
–70
–60
–50
–40
–30
–20
INPUT POWER (dBm)
300kbps
200kbps
150kbps
100kbps
50kbps
38.4kbps
9.6kbps
–1
1
01
23
456
78
9
SAMPLE NUMBER
Figure 44. Receiver Eye Diagram Measured Using the Test DAC,
RF Frequency = 915 MHz, RF Input Power = −80 dBm,
Data Rate = 100 kbps, Frequency Deviation = 50 kHz
Figure 41. Mean RSSI Error (via Automatic End of Packet RSSI Measurement)
vs. RF Input Power vs. Data Rate; RF Frequency = 950 MHz, GFSK, 100 RSSI
Measurements at Each Input Power Level
–90
–91
–92
–93
–94
–95
–96
–97
–98
–99
–100
–101
–102
–103
–104
–105
–106
–107
–108
–109
–110
220
210
200
190
180
170
160
150
140
130
120
110
100
90
80
70
60
50
40
30
20
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
MODULATION INDEX
IFBW = 100kHz
IFBW = 200kHz
DISC BW (kHz)
–20
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
10
–10
–8
–6
–4
–2
0
2
4
6
8
–120 –110 –100 –90
–80
–70
–60
–50
–40
–30
–20
INPUT POWER (dBm)
IDEAL RSSI
MEAN RSSI
MEAN RSSI
(WITH POLYNOMIAL CORRECTION)
MEAN RSSI ERROR
MEAN RSSI ERROR
(WITH POLYNOMIAL CORRECTION)
Figure 45. Rx Sensitivity vs. Modulation Index, Data Rate = 50 kbps,
MOD = GFSK, FDEV = ±(MI × 2 5 kHz), Data = PRBS9, BER = 1E − 3,
Bits = 1E + 6, VBAT = 3.0 V, Temperature = 25°C
Figure 42. RSSI With and Without Cosine Polynomial Correction (via
Automatic End of Packet RSSI Measurement), 100 RSSI Measurements at
Each Input Power Level
–90
–91
–92
–93
–94
–95
–96
–97
–98
–99
–100
–101
–102
–103
–104
–105
–106
–107
–108
–109
–110
220
230
240
210
200
190
180
170
160
150
140
130
120
110
100
90
80
70
60
50
40
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
MODULATION INDEX
IFBW = 100kHz
IFBW = 200kHz
DISC BW (kHz)
90
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
–40 –30 –20 –10
0
10
20
30
40
50
60
80
70
90
TEMPERATURE (°C)
ERROR + 3
σ (°C)
MEAN (°C)
ERROR – 3
σ (°C)
Figure 46. Rx Sensitivity vs. Modulation Index, Data Rate = 100 kbps,
MOD = GFSK (0.5), FDEV = ±(MI × 50 kHz), Data = PRBS9, BER = 1E − 3,
Bits = 2E + 5, VBAT = 3.0 V, Temperature = 25°C
Figure 43. Temperature Sensor Readback vs. Die Temperature, Readback
Value Converted to °C via Formula in the Temperature Sensor Section


Similar Part No. - ADF7023-J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7023 AD-ADF7023 Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
ADF7023BCPZ AD-ADF7023BCPZ Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
REV. C
ADF7023BCPZ AD-ADF7023BCPZ Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
ADF7023BCPZ-RL AD-ADF7023BCPZ-RL Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
More results

Similar Description - ADF7023-J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7023BCPZ AD-ADF7023BCPZ Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
REV. C
ADF7023 AD-ADF7023 Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com