Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF7023-J Datasheet(PDF) 54 Page - Analog Devices

Part # ADF7023-J
Description  High Performance, Low Power, ISM Band FSK/GFSK/MSK/GMSK Transceiver IC
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7023-J Datasheet(HTML) 54 Page - Analog Devices

Back Button ADF7023-J Datasheet HTML 50Page - Analog Devices ADF7023-J Datasheet HTML 51Page - Analog Devices ADF7023-J Datasheet HTML 52Page - Analog Devices ADF7023-J Datasheet HTML 53Page - Analog Devices ADF7023-J Datasheet HTML 54Page - Analog Devices ADF7023-J Datasheet HTML 55Page - Analog Devices ADF7023-J Datasheet HTML 56Page - Analog Devices ADF7023-J Datasheet HTML 57Page - Analog Devices ADF7023-J Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 100 page
background image
ADF7023-J
Rev. 0 | Page 54 of 100
LOW POWER MODES
The ADF7023-J can be configured to operate in a broad range
of energy sensitive applications where battery lifetime is critical.
This includes support for applications where the ADF7023-J is
required to operate in a fully autonomous mode or applications
where the host processor controls the transceiver during low power
mode operation. These low power modes are implemented using a
hardware wake-up controller (WUC), a firmware timer, and the
smart wake mode functionality of the on-chip communications
processor. The hardware WUC is a low power WUC that comprises
a 16-bit wake-up timer with a programmable prescaler. The
32.768 kHz RCOSC or XOSC provides the clock source for
the timer.
The firmware timer is a software timer residing on the ADF7023-J.
The firmware timer is used to count the number of WUC timeouts
and can be used to count the number of ADF7023-J wake-ups.
The WUC and the firmware timer, therefore, provide a real-time
clock capability.
Using the low power WUC and the firmware timer, the SWM
firmware allows the ADF7023-J to wake up autonomously from
sleep without intervention from the host processor. During this
wake-up period, the ADF7023-J is controlled by the communi-
cations processor. This functionality allows carrier sense, packet
sniffing, and packet reception while the host processor is in
sleep, thereby dramatically reducing overall system current
consumption. The smart wake mode can then wake the host
processor on an interrupt condition. An overview of the low
power mode configuration is shown in Figure 69, and the
register settings that are used for the various low power modes
are described in Table 28.
Table 28. Settings for Low Power Modes
Low Power
Mode
Memory
Address
Register Name
Bit
Description
Deep Sleep
Modes
0x30D1
WUC_CONFIG_LOW
WUC_BBRAM_EN
0: BBRAM contents are not retained during
PHY_SLEEP.
1: BBRAM contents are retained during
PHY_SLEEP.
WUC
0x30C1
WUC_CONFIG_HIGH
WUC_PRESCALER[2:0]
Sets the prescaler value of the WUC.
WUC
0x30D1
WUC_CONFIG_LOW
WUC_RCOSC_EN
Enables the 32.768 kHz RC OSC.
WUC
0x30D1
WUC_CONFIG_LOW
WUC_XOSC32K_EN
Enables the 32.768 kHz external OSC.
WUC
0x30D1
WUC_CONFIG_LOW
WUC_CLKSEL
Sets the WUC clock source.
1: RC OSC selected.
2: XOSC selected.
WUC
0x30D1
WUC_CONFIG_LOW
WUC_ARM
Enable to ensure that the device wakes
from the PHY_SLEEP state on a WUC
timeout.
WUC
0x30E2,
WUC_VALUE_HIGH
WUC_TIMER_VALUE[15:0]
The WUC timer value.
0x30F2
WUC_VALUE_LOW
WUC Interval(s) = WUC_TIMER_VALUE ×
32,768
1)
(
2
+
LER
WUC_PRESCA
WUC
0x101
INTERRUPT_MASK_1
WUC_TIMEOUT
Enables the interrupt on a WUC timeout.
Firmware
Timer
0x100
INTERRUPT_MASK_0
INTERRUPT_NUM_WAKEUPS
Enabling this interrupt enables the
firmware timer. Interrupt is set when the
NUMBER_OF WAKEUPS count exceeds the
threshold.
Firmware
Timer
0x102,
0x103
NUMBER_OF_WAKEUPS_0
NUMBER_OF_WAKEUPS_1
NUMBER_OF_WAKEUPS[15:0]
Number of ADF7023-J wake-ups.
Firmware
Timer
0x104,
0x105
NUMBER_OF_WAKEUPS_IRQ_
THRESHOLD_0
NUMBER_OF_WAKEUPS_IRQ_
THRESHOLD_1
NUMBER_OF_WAKEUPS_IRQ_
THRESHOLD[15:0]
Threshold for the number of ADF7023-J
wake-ups. When exceeded, the ADF7023-J
exits low power mode.
SWM
0x11A
MODE_CONTROL
SWM_EN
Enables smart wake mode.
SWM
0x11A
MODE_CONTROL
SWM_RSSI_QUAL
Enables RSSI prequalification in smart
wake mode.


Similar Part No. - ADF7023-J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7023 AD-ADF7023 Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
ADF7023BCPZ AD-ADF7023BCPZ Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
REV. C
ADF7023BCPZ AD-ADF7023BCPZ Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
ADF7023BCPZ-RL AD-ADF7023BCPZ-RL Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
More results

Similar Description - ADF7023-J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7023BCPZ AD-ADF7023BCPZ Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
REV. C
ADF7023 AD-ADF7023 Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com