Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCD20-48S05 Datasheet(PDF) 3 Page - Make-Ps

Part # LCD20-48S05
Description  Single & Dual Output DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

LCD20-48S05 Datasheet(HTML) 3 Page - Make-Ps

  LCD20-48S05 Datasheet HTML 1Page - Make-Ps LCD20-48S05 Datasheet HTML 2Page - Make-Ps LCD20-48S05 Datasheet HTML 3Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.make-ps.com
E-mail:info@make-ps.com
Package Style and Pinning (mm)
O
OU
UT
TLLIIN
NE
E
D
DRRA
AW
WIIN
NG
G
All specifications are typical at nominal input, nominal load and 25
° C unless otherwise specified.
External, low ESR, 10 microfarad (minimum) capacitor across output is recommended for operation.
3/3
1. All dimensions in Inches (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01(0.25)
3. Pin dimension tolerance ±0.004 (0.1)
PIN CONNECTION
PIN
SINGLE
DUAL
1
+ INPUT
+ INPUT
2
- INPUT
- INPUT
3
ON/OFF
ON/OFF
4
+VOUT
+VOUT
5
TRIM
COMMON
6
-VOUT
-VOUT
Suggested Schematic to comply with EN55022 Conducted Noise emission Class B
Following components are needed to comply with EN55022 Class B conducted noise:
Componet
Value
Voltage
Reference
Componet
Value
Voltage
Reference
C1,C2,C3
6.8uF
50V
1812 MLCC
C1,C2,C3,C4
2.2uF
100V
1812 MLCC
C5,C6
1000pF
2KV
1206 MLCC
C5,C6
1000pF
2KV
1206 MLCC
L1
325uH
Common Mode Choke
L1
260uH
Common Mode Choke
EMC Considerations
LCD20-12S(D)XXXX
LCD20-24S(D)XXXX
LCD20-48S(D)XXXX
Temperature Derating Graph
100
75
50
25
0
-40
65
Nature Convection
100
Ambient Temperature(℃)
85


Similar Part No. - LCD20-48S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
LCD20-48S05 P-DUKE-LCD20-48S05 Datasheet
497Kb / 4P
   DC-DC CONVERTER
LCD20-48S05W P-DUKE-LCD20-48S05W Datasheet
497Kb / 4P
   DC-DC CONVERTER
More results

Similar Description - LCD20-48S05

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com