Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6641-500EBZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD6641-500EBZ
Description  250 MHz Bandwidth DPD Observation Receiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6641-500EBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD6641-500EBZ Datasheet HTML 7Page - Analog Devices AD6641-500EBZ Datasheet HTML 8Page - Analog Devices AD6641-500EBZ Datasheet HTML 9Page - Analog Devices AD6641-500EBZ Datasheet HTML 10Page - Analog Devices AD6641-500EBZ Datasheet HTML 11Page - Analog Devices AD6641-500EBZ Datasheet HTML 12Page - Analog Devices AD6641-500EBZ Datasheet HTML 13Page - Analog Devices AD6641-500EBZ Datasheet HTML 14Page - Analog Devices AD6641-500EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD6641
Rev. 0 | Page 11 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
PD1–
VIN+
VIN–
AVDD
AVDD
AVDD
CML
AVDD
AVDD
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PAD IS THE ONLY ANALOG GROUND
CONNECTION FOR THE CHIP. IT MUST BE CONNECTED TO PCB AGND.
AVDD
AVDD
AVDD
VREF
AVDD
SPI_VDDIO
PD0–
PD0+
PD1+
PD2–
PD2+
DRVDD
DRGND
PD3–
PD3+
PD4–
PD4+
PD5–
PD5+
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
35
36
37
38
39
40
41
42
34
33
32
31
30
29
AD6641
TOP VIEW
(Not to Scale)
Figure 8. Pin Configuration for DDR LVDS Mode
Table 8. DDR LVDS Mode Pin Function Descriptions
Pin No.
Mnemonic
Description
0
EPAD
Exposed Pad. The exposed pad is the only ground connection for the chip. The pad must be
connected to PCB AGND.
1
PD0−
PD0 Data Output (LSB)—Complement.
2
PD0+
PD0 Data Output (LSB)—True.
3
PD1−
PD1 Data Output—Complement.
4
PD1+
PD1 Data Output—True.
5
PD2−
PD2 Data Output—Complement.
6
PD2+
PD2 Data Output—True.
7, 24, 47
DRVDD
1.9 V Digital Output Supply.
8, 23, 48
DRGND
Digital Output Ground.
9
PD3−
PD3 Data Output—Complement.
10
PD3+
PD3 Data Output—True.
11
PD4−
PD4 Data Output—Complement.
12
PD4+
PD4 Data Output—True.
13
PD5−
PD5 Data Output (MSB)—Complement.
14
PD5+
PD5 Data Output (MSB)—True.
15
PDOR−
Overrange Output—Complement.
16
PDOR+
Overrange Output—True.
17
SP_SDO
SPORT Output.
18, 19, 20, 28, 54
DNC
Do Not Connect. Do not connect to this pin.
21
SP_SDFS
SPORT Frame Sync Input (Slave Mode)/Output (Master Mode).
22
SP_SCLK
SPORT Clock Input (Slave Mode)/Output (Master Mode).
25
SDIO
Serial Port Interface (SPI) Data Input/Output (Serial Port Mode).
26
SCLK
Serial Port Interface Clock (Serial Port Mode).
27
CSB
Serial Port Chip Select (Active Low).
29
SPI_VDDIO
1.9 V or 3.3 V SPI I/O Supply.
30, 32, 33, 34, 37, 38, 39,
41, 42, 43, 46
AVDD
1.9 V Analog Supply.
31
VREF
Voltage Reference Input/Output. Nominally 0.75 V.
35
VIN+
Analog Input—True.
36
VIN−
Analog Input—Complement.


Similar Part No. - AD6641-500EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD664 AD-AD664 Datasheet
566Kb / 20P
   Monolithic 12-Bit Quad DAC
REV. C
AD664 AD-AD664 Datasheet
725Kb / 24P
   Monolithic 12-Bit Quad DAC
AD6640 AD-AD6640 Datasheet
488Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. 0
AD6640 AD-AD6640 Datasheet
920Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD6640 AD-AD6640 Datasheet
1Mb / 25P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
More results

Similar Description - AD6641-500EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6688 AD-AD6688 Datasheet
2Mb / 138P
   RF Diversity and 1.2 GHz Bandwidth Observation Receiver
AD6677 AD-AD6677 Datasheet
1Mb / 48P
   80 MHz Bandwidth, IF Receiver
AD9986 AD-AD9986_V01 Datasheet
3Mb / 37P
   4T2R Direct RF Transmitter and Observation Receiver
Rev. 0
logo
API Technologies Corp
SF0250BA02425S APITECH-SF0250BA02425S Datasheet
181Kb / 3P
   250 MHz SAW Filter 80 MHz Bandwidth
logo
Analog Devices
ADRV9009 AD-ADRV9009 Datasheet
3Mb / 127P
   Integrated Dual RF Transmitter, Receiver, and Observation Receiver
logo
Renesas Technology Corp
F1358 RENESAS-F1358 Datasheet
2Mb / 38P
   Zero-DistortionTM, Glitch-FreeTM , DPD Receiver
une 2015
logo
API Technologies Corp
SF0070CF51541T APITECH-SF0070CF51541T Datasheet
193Kb / 2P
   70 MHz Filter 250 kHz Bandwidth
logo
Integrated Circuit Syst...
SF0070CF51541T ICST-SF0070CF51541T Datasheet
189Kb / 2P
   70 MHz Filter 250 kHz Bandwidth
SF0140CF51900T ICST-SF0140CF51900T Datasheet
190Kb / 2P
   140 MHz Filter 250 kHz Bandwidth
logo
Analog Devices
ADRV9008-2 AD-ADRV9008-2 Datasheet
2Mb / 95P
   Integrated Dual RF Transmitters and Observation Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com