Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPKTSHARGUG Datasheet(PDF) 1 Page - GREATECS

Part # TPKTSHARGUG
Description  Tactile Switches with LED (two colors available)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TPKTSHARGUG Datasheet(HTML) 1 Page - GREATECS

  TPKTSHARGUG Datasheet HTML 1Page - GREATECS TPKTSHARGUG Datasheet HTML 2Page - GREATECS TPKTSHARGUG Datasheet HTML 3Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tactile Switches
Tactile Switches with LED (two colors available)
TPK Series
sales@greatecs.com
www.greatecs.com
1
5
TPK
How to order:
1
2
3
4
6
5
7
8
TYP OF TERMINALS:
T
THT Type
S
SMT Type
FRAME TYPE:
R
Round
S
Square
A
Without Cap(AType Actuator)
B
Without Cap(B Type Actuator)
HOUSING COLOR:
H
Gray
A
Black
N
Without
CAP COLOR:
LED#1 BRIGHTNESS:
LED#1 COLORS:
U
R
N
Ultra Bright
Regular
Without
H
D
Gray
Orange
A
C
Black
Red
B
N
White
Without
G
E
Blue
Yellow
F
C
Green
Red
B
N
White
Without
LED#2 BRIGHTNESS:
LED#2 COLOR:
U
R
N
Ultra Bright
Regular
Without
G
E
Blue
Yellow
F
C
Green
Red
B
N
White
Without
1
2
3
4
6
7
8
FEATURES
MATERIALS
»
»
»
»
General Specifications:
CIRCUIT
NON-Lock Momentary
Single pole
LED illuminated
Two colors available
Small size
Long life
»
»
»
»
»
»
A Type Actuator
B Type Actuator
TPKTNA_ _ _ _ _ _
THT Terminals, without Cap
TPKTNB_ _ _ _ _ _
THT Terminals, without Cap
TPKTS_ _ _ _ _ _ THT Terminals, with Square Cap
TPKTR_ _ _ _ _ _
THT Terminals, with Round Cap
TPKSNA_ _ _ _ _ _ SMT Terminals ,without Cap
THT TYPE
SMT TYPE
A Type Actuator


Similar Part No. - TPKTSHARGUG

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPK TOPPOWER-TPK Datasheet
641Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK TOPPOWER-TPK Datasheet
738Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK-3W TOPPOWER-TPK-3W Datasheet
640Kb / 3P
   3W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK-3WS TOPPOWER-TPK-3WS Datasheet
402Kb / 3P
   3W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK0303SA TOPPOWER-TPK0303SA Datasheet
641Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
More results

Similar Description - TPKTSHARGUG

ManufacturerPart #DatasheetDescription
logo
GREATECS
TPJ GREATECS-TPJ Datasheet
335Kb / 1P
   SPST SMT Tactile Switches with LED
TPA00 GREATECS-TPA00 Datasheet
2Mb / 7P
   SPST SMT Tactile Switches with LED
TPO GREATECS-TPO Datasheet
365Kb / 1P
   SPST THT Tactile Switches with LED
TPI GREATECS-TPI Datasheet
390Kb / 2P
   SPST THT Tactile Switches with LED
TPN GREATECS-TPN Datasheet
325Kb / 1P
   SPST THT Tactile Switches with LED
logo
Mitsumi Electronics, Co...
SOE-222HST MITSUMI-SOE-222HST Datasheet
70Kb / 2P
   With Button Tactile Switches
SOF MITSUMI-SOF Datasheet
257Kb / 2P
   Tactile Switches With Button
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
   Tactile Switches
KSMC612A HOKURIKU-KSMC612A Datasheet
183Kb / 2P
   Tactile Switches
KSMC632A HOKURIKU-KSMC632A Datasheet
216Kb / 2P
   Tactile Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com