Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2005S48WFR Datasheet(PDF) 4 Page - Make-Ps

Part # 2005S48WFR
Description  Single & Dual Output DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

2005S48WFR Datasheet(HTML) 4 Page - Make-Ps

  2005S48WFR Datasheet HTML 1Page - Make-Ps 2005S48WFR Datasheet HTML 2Page - Make-Ps 2005S48WFR Datasheet HTML 3Page - Make-Ps 2005S48WFR Datasheet HTML 4Page - Make-Ps 2005S48WFR Datasheet HTML 5Page - Make-Ps 2005S48WFR Datasheet HTML 6Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2000WFR series
Dual Output
DC/DC Converter
•• U
Up
p tto
o 8899%
% E
Effffiic
ciie
en
nc
cyy
•• D
Du
ua
all O
Ou
uttp
pu
utt,, 2200 w
wa
atttt c
co
on
nvve
errtte
err
•• A
Avva
aiilla
ab
blle
e iin
n 1122,, 2244 a
an
nd
d 4488 V
VD
DC
C IIn
np
pu
uttss 22--11 IIn
np
pu
utt R
Ra
an
ng
ge
e
•• IInndduussttrryy SSttaannddaarrdd 11..00”” XX 22..00”” XX 00..44”” PPaacckkaaggee
•• RReem
mo
otte
e O
On
n//O
Offff,, S
Sh
ho
orrtt C
Ciirrc
cu
uiitt P
Prro
otte
ec
cttiio
on
n
•• 66 ssiiddeedd CCoonnttiinnuuoouuss SShhiieellddiinngg
•• EEM
MII c
co
om
mp
plliie
ess w
wiitth
h E
EN
N5555002222 LLe
evve
ell A
A
FFEEA
AT
TU
UR
RE
ES
S
D
DEESSCCRRIIPPTTIIO
ON
NS
S
Delivering up to 20 watts in an industry standard 1" X 2" X 0.4"
package this broad line of high density converters provide up
to 25 watts/in3 saving valuable board space. Key to providing
this high a power level in a 1" X 2" footprint is the outstanding
thermal performance with efficiencies up to 89%. The
2000WFR series are available in 12Vdc, 24Vdc and 48Vdc input,
with a 2 to 1 input range, and with dual output modules of
+/-12Vdc, +/-15Vdc making them one of the most versatile
product lines available today in the market. They are ideally
suited to data communications applications, mobile battery
driven equipment, telecommunications equipment, mixed
analog/ digital subsystems and process/control systems.
NEW
>> B-162
O
OU
UT
TP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Output Voltage Set Point
% Output voltage at
nominal line & FL
Line Regulation
% Output voltage
measured from
min. input line to
maximum
Load Regulation
% Output voltage
measured from FL
to 10% load
(Balanced Loads)
Temperature Coefficient
% per degree C
Ripple/Noise
mV p-p measured
at 20 MHz bandwidth
with external 1
μf
capacitor
Short Circuit Protection
Indefinite, Automatic
Recovery
Ouptut Voltage Balance
%, Balanced Load
Min Typ
60
Max
±1
±0.3
±0.5
±0.02
100
±2
IIN
NP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Units/Comments
Switching Frequency
kHz; Factory set
Remote Shut Down
Off
VDC;Ref. to input ( - )
On
VDC or open;Referenced
to input ( - )
Input - Output Capacitance
pF
Input Filter
Pi type
Isolation Voltage
VDC
Isolation Resistance
MOhms @ 500 Vdc
Min
290
-1
2.5
1500
1000
Typ
330
1200
Max
360
+1
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 2005S48WFR

ManufacturerPart #DatasheetDescription
logo
Make-Ps
2005S48 MAKE-PS-2005S48 Datasheet
260Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
More results

Similar Description - 2005S48WFR

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com