Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKC10-12S03 Datasheet(PDF) 3 Page - Make-Ps

Part # FKC10-12S03
Description  Single & Dual Output DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

FKC10-12S03 Datasheet(HTML) 3 Page - Make-Ps

  FKC10-12S03 Datasheet HTML 1Page - Make-Ps FKC10-12S03 Datasheet HTML 2Page - Make-Ps FKC10-12S03 Datasheet HTML 3Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.make-ps.com
E-mail:info@make-ps.com
DIP24 Package Style
5.10
20.30
2
10.20
0.25 x 0.50
Rectangular Pin
15.20
Bottom View
1 2 3
20.30
31.80
9
11
16
14
23 22
3.8
2.54
Pin Connections
Package Style and Pinning (mm)
O
OU
UT
TLLIIN
NE
E
D
DRRA
AW
WIIN
NG
G
20.30
9 10 11 12
24 23 22
16 15 14 13
21 20
1
3
25
4
1
31.40
25.40
10.90
Bottom View
11 x 2.54
Pin area
0.1 x 0.50
0.50
32.00
11.20
2.54
24.14
27.94
26.54
1.60
2.40
Top View
21.30
3.81
6.35
2.54
23.40
Same spec. as the original DIP spec. and pin
definition, excl. of the SMD type pin.
Pin #
Single
Dual
NC = No Connection
Pin Pitch Tolerance ±0.35 mm
SMD Package Style
SMD Package Style
Pin Connections
All specifications are typical at nominal input, nominal load and 25
° C unless otherwise specified.
External, low ESR, 10 microfarad (minimum) capacitor across output is recommended for operation.
Pin #
Single
Dual
1
ON/OFF
ON/OFF
2
-Vin
-Vin
3
-Vin
-Vin
9
NC
Com
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Com
22
+Vin
+Vin
23
+Vin
+Vin
NC = No Connection
Pin Pitch Tolerance ±0.35 mm
1
ON/OFF
ON/OFF
2
-Vin
-Vin
3
-Vin
-Vin
9
NC
Com
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Com
22
+Vin
+Vin
23
+Vin
+Vin
Others
NC
NC
3/3
Make Power world-class design, development and manufacturing team stands ready to work with you to deliver the exact power
converter you need for your ready to work with you to deliver the exact power converter you need for your demanding, large volume,
OEM applications. And ... we ll do it on time and within budget
Our experienced applications and design staffs; quick-turn prototype capability; highly automated, SMT assembly facilities;
and in-line SPC quality-control techniques combine to give us the unique ability to design and deliver any quantity of power
converters to the highest standards of quality and reliability.
We have compiled a large library of DC/DC designs that are currently used in a variety of telecom, medical, computer, railway,
aerospace and industrial applications. We may already have the converter you need.
Contact us. Our goal is to provide you the highest-quality, most cost-effective power converters available.
CUSTOM CAPABILITIES


Similar Part No. - FKC10-12S03

ManufacturerPart #DatasheetDescription
logo
Make-Ps
FKC10-24D05W MAKE-PS-FKC10-24D05W Datasheet
626Kb / 3P
   Single & Dual Output DC/DC Converter
FKC10-24D12W MAKE-PS-FKC10-24D12W Datasheet
626Kb / 3P
   Single & Dual Output DC/DC Converter
FKC10-24D15W MAKE-PS-FKC10-24D15W Datasheet
626Kb / 3P
   Single & Dual Output DC/DC Converter
FKC10-24S03W MAKE-PS-FKC10-24S03W Datasheet
626Kb / 3P
   Single & Dual Output DC/DC Converter
FKC10-24S05W MAKE-PS-FKC10-24S05W Datasheet
626Kb / 3P
   Single & Dual Output DC/DC Converter
More results

Similar Description - FKC10-12S03

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com